Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT601 Datasheet(PDF) 13 Page - Future Technology Devices International Ltd.

Part # FT601
Description  Future Technology Devices International Ltd.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT601 Datasheet(HTML) 13 Page - Future Technology Devices International Ltd.

Back Button FT601 Datasheet HTML 9Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 10Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 11Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 12Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 13Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 14Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 15Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 16Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 17Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Copyright © 2016 Future Technology Devices International Limited
13
FT600Q-FT601Q IC DatasheetDatasheet
Version 1.02
Doc ument N o.: FT _001118
C learance N o.: FT DI#424
The waveform below shows a master read transaction of 10 bytes with FIFO data exhausted first at
channel 1. There are turn-a-round cycles for DATA[7:0], DATA[31:16] and BE[3:0] after command phase
and at the end of the data transaction. The BE[3:0] shows that the lower 2 bytes in D2 are valid at the
last word strobe in this transaction.
Figure 4.1 Multi-Channel FIFO mode master read transaction 1
The waveform below shows a master read transaction for 12 valid bytes at channel 1, where the bus
master terminates the transaction. There are turn-a-round cycles for DATA[7:0], DATA[31:16] and
BE[3:0] after the command phase and at the end of the data transaction.
* The data is valid when WR_N and RXF_N are both active.
Figure 4.2 Multi-Channel FIFO mode master read transaction 2
⃰In Multi-channel FIFO mode master read operation, the bus master shall be able to read out the
maximum possible data in the RX FIFO in one read transaction, i.e. when the FT600 or FT601 is
configured in the 1 channel Multi-channel FIFO mode, the bus master shall be able to read out 4 KB in
one bus transaction, and 2 KB or 1 KB in respect to the 2 channel or 4 channel mode. In write operation,
if the bus master expects the data to be transferred over USB bus in the maximum possible packet length, it
should write the data to the FIFO in a single bus transaction.
E.g. Consider a USB 3.0 super-speed connection with a packet size is 1 KB, and a FIFO size of 4 KB.
IDLE
Command
phase
Data output
Bus turn
around
h’f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com