Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT601 Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # FT601
Description  Future Technology Devices International Ltd.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT601 Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  FT601 Datasheet HTML 1Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 2Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 3Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 4Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 5Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Copyright © 2016 Future Technology Devices International Limited
4
FT600Q-FT601Q IC DatasheetDatasheet
Version 1.02
Doc ument N o.: FT _001118
C learance N o.: FT DI#424
Table of Contents
1
Typical Applications .................................................... 2
1.1 Driver Support ........................................................................ 2
1.2 Part Numbers ......................................................................... 2
1.3 USB Compliant ........................................................................ 2
2
Block Diagram............................................................. 3
3
Device Pin Out and Signal Description.......................... 6
3.1 Device Pin Out ........................................................................ 6
3.2 Device Pin Out Signal Description ............................................ 7
4
Function Description ................................................. 10
4.1 Key Features and Function Description ...................................10
4.2 Multi-Channel FIFO mode Protocols ........................................12
4.3 245 Synchronous FIFO mode Protocols ...................................15
4.4 FIFO Bus AC Timing ...............................................................17
5
Devices Characteristics and Ratings........................... 18
5.1 Absolute Maximum Ratings ....................................................18
5.2 ESD and Latch-up Specifications.............................................18
5.3 DC Characteristics..................................................................19
5.3.1 DC Characteristics (Ambient Temperature = -40°C to +85°C) ........................... 19
5.3.2 DC Characteristics for I/O Interface .............................................................. 20
6
USB Power Configurations......................................... 21
6.1 USB Bus-Powered Configuration ............................................21
6.2 Self-Powered Configuration....................................................22
7
Application Example.................................................. 23
7.1 FT600/FT601 Connect to FIFO Master Interface......................23
8
Package Parameters.................................................. 24
8.1 QFN-56 Package Mechanical Dimensions ................................24
8.2 QFN-56 Package Markings......................................................25
8.3 QFN-76 Package Mechanical Dimensions ................................26
8.4 QFN-76 Package Markings......................................................27
8.5 Solder Reflow Profile .............................................................28
9
Contact Information .................................................. 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com