Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT601 Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT601
Description  Future Technology Devices International Ltd.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT601 Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT601 Datasheet HTML 1Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 2Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 3Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 4Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 5Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Copyright © 2016 Future Technology Devices International Limited
1
FT600Q-FT601Q IC DatasheetDatasheet
Version 1.02
Doc ument N o.: FT _001118
C learance N o.: FT DI#424
Future Technology
Devices International
Ltd.
FT600Q-FT601Q IC
Datasheet
(USB 3.0 to FIFO Bridge)
The FT600/FT601 is a USB 3.0 to FIFO interface
bridge chip with the following advanced features:
Supports USB 3.0 Super Speed (5Gbps)/USB
2.0 High Speed (480Mbps)/USB 2.0 Full
Speed (12Mbps) transfer.
Supported
USB
Transfer
Type:
Control/Bulk/Interrupt
Up to 8 configurable endpoints (PIPEs).
Supports 2 parallel slave FIFO bus protocols
245 and FIFO mode, FT601 with 32 bit
parallel interface has a data bursting rate up
to 400MB/s.
Supports 4 IN channels and 4 OUT channels
on FIFO bus connectivity.
Built-in 16kB FIFO data buffer RAM.
Supports Remote Wakeup capability.
Supports multi voltage I/O: 1.8V, 2.5V and 3.3V.
Configurable GPIO support.
Internal LDO 1.0V regulator.
Integrated power-on-reset circuit.
User programmable USB descriptors.
Supports Battery Charging spec. BC1.2.
Available as FT600-16bit/FT601-32bit FIFO interface.
Industrial operating temperature range: -40 to 85⁰C.
Available in compact Pb-free QFN-76(32bit) and QFN-
56(16bit) packages (both RoHS compliant).
N either the whole nor any part of the information c ontained in, or the product desc ribed in this manual, may be adapted or reproduced
in any material or electronic form without the prior written cons ent of the copyright holder. This product and its documentat ion are
s upplied on an as-is basis and no warranty as to their s uitability for any partic ular purpose is either made or implied. Future T ec hnology
Devices International Ltd will not accept any claim for damages hows oever aris ing as a res ult of us e or failure of this produc t. Y our
s tatutory rights are not affec ted. T his produc t or any variant of it is not intended for use in any medical appliance, device or sys tem in
whic h the failure of the produc t might reasonably be expec ted to res ult in personal injury. T his doc ument provides preliminary
information that may be s ubjec t to c hange without notice. N o freedom to us e patents or other intellec tual property rights is implied by
the public ation of this document. Future Tec hnology Devic es I nternational Ltd, U nit 1 , 2 Seaward P lace, C enturion Business Park,
Glas gow G4 1 1 HH U nited Kingdom. Sc otland Registered Company N umber: SC136640


Similar Part No. - FT601

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT601Q FTDI-FT601Q Datasheet
1Mb / 33P
FT600Q-FT601Q IC Datasheet (USB 3.0 to FIFO Bridge)
Version 1.04
FT601Q-B FTDI-FT601Q-B Datasheet
1Mb / 33P
USB 3.0 to FIFO Bridge
FT601Q-B-R FTDI-FT601Q-B-R Datasheet
1Mb / 33P
FT600Q-FT601Q IC Datasheet (USB 3.0 to FIFO Bridge)
Version 1.04
FT601Q-B-T FTDI-FT601Q-B-T Datasheet
1Mb / 33P
FT600Q-FT601Q IC Datasheet (USB 3.0 to FIFO Bridge)
Version 1.04
More results

Similar Description - FT601

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
VNC1L-1A-REEL FTDI-VNC1L-1A-REEL Datasheet
767Kb / 32P
Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
DS_USB-COM422-PLUS1 ETC2-DS_USB-COM422-PLUS1 Datasheet
678Kb / 23P
Future Technology Devices International Ltd
FT232H ETC2-FT232H Datasheet
1Mb / 66P
Future Technology Devices International Ltd
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
Future Technology Devices International Ltd
FT232RQ-REEL ETC2-FT232RQ-REEL Datasheet
776Kb / 43P
Future Technology Devices International Ltd.
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
Future Technology Devices International Ltd
FT313HQ-R ETC2-FT313HQ-R Datasheet
1Mb / 67P
Future Technology Devices International Ltd
logo
Future Technology Devic...
FT221XS-R FTDI-FT221XS-R Datasheet
984Kb / 45P
Future Technology Devices International Ltd.
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
Future Technology Devices International Ltd.
FT231XS-R FTDI-FT231XS-R Datasheet
830Kb / 44P
Future Technology Devices International Ltd.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com