Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT601 Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # FT601
Description  Future Technology Devices International Ltd.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT601 Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  FT601 Datasheet HTML 1Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 2Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 3Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 4Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 5Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Copyright © 2016 Future Technology Devices International Limited
2
FT600Q-FT601Q IC DatasheetDatasheet
Version 1.02
Doc ument N o.: FT _001118
C learance N o.: FT DI#424
1
Typical Applications
Upgrading Legacy Peripherals to USB
Utilising USB to add system modularity
Interfacing PLD/FPGA based designs to USB 3.0
USB 3.0 data acquisition
USB 3.0 Digital Video Camera Interface
USB 3.0 Digital Camera
USB 3.0 Interface for Printer/Scanner
Medical/Industrial imaging devices
USB 3.0 Instrumentation
1.1
Driver Support
Royalty free D3XX Direct Drivers
(USB Drivers + DLL S/W Interface)
Windows 8
Windows 7
Mac OS-X (available late 2015)
Linux (available late 2015)
The drivers listed above are all available to download for free from the FTDI website (www.ftdichip.com).
For driver installation, please refer to http://www.ftdichip.com/Drivers/D3XX.htm
1.2
Part Numbers
Part Number
Package
FT600Q-x
56 Pin QFN 0.4mm Pitch
FT601Q-x
76 Pin QFN 0.4mm Pitch
Table 1.1 Device Part Numbers
Note: Packaging codes for x is:
-R: Taped and Reel, (VQFN in 3000 pieces per reel)
-T: Tray packing, (VQFN in 260 pieces per tray)
For example: FT600Q-R is 3000 QFN pieces in taped and reel packaging
1.3
USB Compliant
Both FT600 and FT601 are fully compliant with the USB 3.0 specification. USB IF TID 340930018 applies
to the FT600 and TID 340930019 for the FT601.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com