Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT601 Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # FT601
Description  Future Technology Devices International Ltd.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT601 Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button FT601 Datasheet HTML 5Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 9Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 10Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 11Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 12Page - Future Technology Devices International Ltd. FT601 Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Copyright © 2016 Future Technology Devices International Limited
9
FT600Q-FT601Q IC DatasheetDatasheet
Version 1.02
Doc ument N o.: FT _001118
C learance N o.: FT DI#424
GPIO0
Configurable GPIO port0.
I/O
17
12
GPIO1
Configurable GPIO port1.
I/O
18
13
VBUS
USB BUS power input.
I
37
29
XI
Crystal input. This terminal is the crystal input for the internal
oscillator.
I
21
16
XO
Crystal Output. This terminal is the crystal output for the internal
oscillator.
O
22
17
DP
High-speed USB differential transceiver (positive)
I/O
23
18
DM
High-speed USB differential transceiver (negative)
I/O
25
20
RREF
PHY reference resistor input pin. Connect 1.6K Ω 1% resistor to
ground, provides reference voltage to USB2 PHY.
I
27
21
TODN
Super Speed USB transmitter differential pair (negative)
O
31
24
TODP
Super Speed USB transmitter differential pair (positive)
O
32
25
RIDN
Super Speed USB receiver differential pair (negative)
I
34
27
RIDP
Super Speed USB receiver differential pair (positive)
I
35
28
VCC33
+3.3V power input for chip and internal LDO.
PWR
20,24,3
8
15,19,3
0
DV10
+1.0V power output from internal LDO. Connecting to VD10 and
AVDD, with a 4.7uF cap to ground is recommended.
O
39
31
VD10
+1.0V core voltage input.
PWR
3,30,33,
48
23,26,3
7,50
VCCIO
Power input for I/O block, supports +1.8/+2.5/+3.3V.
PWR
14,49,5
9,68
38,44,5
2
VDDA
+3.3V power input for USB2.0 and USB3.0 PHYs.
PWR
28
22
AVDD
+1.0V power input for PLL.
PWR
2
1
GND
Ground
GND
1,26,
29,36
32,
49,51
Table 3.1 Device pin out Signal descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com