Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXD_602 Datasheet(PDF) 13 Page - IXYS Corporation

Part # IXD_602
Description  2A Peak Source/Sink Drive Current
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXD_602 Datasheet(HTML) 13 Page - IXYS Corporation

Back Button IXD_602 Datasheet HTML 5Page - IXYS Corporation IXD_602 Datasheet HTML 6Page - IXYS Corporation IXD_602 Datasheet HTML 7Page - IXYS Corporation IXD_602 Datasheet HTML 8Page - IXYS Corporation IXD_602 Datasheet HTML 9Page - IXYS Corporation IXD_602 Datasheet HTML 10Page - IXYS Corporation IXD_602 Datasheet HTML 11Page - IXYS Corporation IXD_602 Datasheet HTML 12Page - IXYS Corporation IXD_602 Datasheet HTML 13Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
IXD_602
R06
www.ixysic.com
13
5.4.5 D2 (8-Pin DFN)
5.4.6 Tape & Reel Information for D2 Package
Dimensions
mm MIN / mm MAX
(inches MIN / inches MAX)
5.00 BSC
(0.197 BSC)
4.00 BSC
(0.157 BSC)
0.80 / 1.00
(0.031 / 0.039)
0.10
(0.004)
0.95 BSC
(0.037 BSC)
0.74 / 0.83
(0.029 / 0.033)
0.30 / 0.45
(0.012 / 0.018)
3.03 / 3.10
(0.119 / 0.122)
2.53 / 2.60
(0.100 / 0.102)
0.35 / 0.45 x 45º
(0.014 / 0.018 x 45º)
Pin 1
Pin 1
Pin 8
0.20 REF
(0.008 REF)
Recommended PCB Land Pattern
4.50
(0.177)
0.45
(0.018)
1.20
(0.047)
3.10
(0.122)
2.60
(0.102)
0.95
(0.037)
0.35 x 45º
(0.014 x 45º)
NOTE:
The exposed metal pad on the back of the D2 package should
be connected to GND. Pad is not suitable for carrying current.
K
0=1.90 ± 0.10
B
0=5.40 ± 0.10
5º MAX
A
0=4.25 ± 0.10
5º MAX
0.30 ± 0.05
(0.05)
(0.05)
R0.75 TYP
8.00 ± 0.10
2.00 ± 0.05
4.00 ± 0.10 See Note #2
12.00 ± 0.30
5.50 ± 0.05
1.75 ± 0.10
∅1.50 (MIN)
∅1.55 ± 0.05
NOTES:
1. A
0 & B0 measured at 0.3mm above base of pocket.
2. 10 pitches cumulative tol. ± 0.2mm
3. ( ) Reference dimensions only.
4. Unless otherwise specified, all dimensions in millimeters.
Embossment
Embossed Carrier
Top Cover
Tape Thickness
0.102 MAX.
(0.004 MAX.)
330.2 DIA.
(13.00 DIA.)
For additional information please visit our website at: www.ixysic.com
IXYS Integrated Circuits Division makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make
changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in IXYS Integrated
Circuits Division’s Standard Terms and Conditions of Sale, IXYS Integrated Circuits Division assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its
products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other
applications intended to support or sustain life, or where malfunction of IXYS Integrated Circuits Division’s product may result in direct physical harm, injury, or death to a person or severe
property or environmental damage. IXYS Integrated Circuits Division reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-IXD_602-R06
©Copyright 2014, IXYS Integrated Circuits Division
All rights reserved. Printed in USA.
9/25/2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com