Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXD_602 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXD_602
Description  2A Peak Source/Sink Drive Current
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXD_602 Datasheet(HTML) 4 Page - IXYS Corporation

  IXD_602 Datasheet HTML 1Page - IXYS Corporation IXD_602 Datasheet HTML 2Page - IXYS Corporation IXD_602 Datasheet HTML 3Page - IXYS Corporation IXD_602 Datasheet HTML 4Page - IXYS Corporation IXD_602 Datasheet HTML 5Page - IXYS Corporation IXD_602 Datasheet HTML 6Page - IXYS Corporation IXD_602 Datasheet HTML 7Page - IXYS Corporation IXD_602 Datasheet HTML 8Page - IXYS Corporation IXD_602 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
IXD_602
4
www.ixysic.com
R06
1.5 Electrical Characteristics: TA = 25°C
Test Conditions: 4.5V < VCC < 35V, one channel (unless otherwise noted).
1.6 Electrical Characteristics: TA = - 40°C to +125°C
Test Conditions: 4.5V < VCC < 35V, one channel (unless otherwise noted).
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Units
Input Voltage, High
4.5V < VCC < 18V
VIH
3.0
-
-
V
Input Voltage, Low
4.5V < VCC < 18V
VIL
--
0.8
Input Current
0V < VIN < VCC
IIN
--
±10
A
Output Voltage, High
-
VOH
VCC-0.025
--
V
Output Voltage, Low
-
VOL
-
-
0.025
Output Resistance, High State
VCC=18V, IOUT=-10mA
ROH
-2.5
4
Output Resistance, Low State
VCC=18V, IOUT=10mA
ROL
-1.5
3
Output Current, Continuous
Limited by package power
dissipation
IDC
--
±1
A
Rise Time
VCC=18V, CLOAD=1000pF
tr
-7.5
15
ns
Fall Time
VCC=18V, CLOAD=1000pF
tf
-6.5
15
On-Time Propagation Delay
VCC=18V, CLOAD=1000pF
tondly
-35
60
Off-Time Propagation Delay
VCC=18V, CLOAD=1000pF
toffdly
-38
60
Power Supply Current
VCC=18V, VIN=3.5V
ICC
-1
3
mA
VCC=18V, VIN=0V
-<1
10
A
VCC=18V, VIN=VCC
-<1
10
Parameter
Conditions
Symbol
Minimum
Maximum
Units
Input Voltage, High
4.5V < VCC < 18V
VIH
3.3
-
V
Input Voltage, Low
4.5V < VCC < 18V
VIL
-0.65
Input Current
0V < VIN < VCC
IIN
-10
10
A
Output Voltage, High
-
VOH
VCC-0.025
-
V
Output Voltage, Low
-
VOL
-
0.025
Output Resistance, High State
VCC=18V, IOUT=-10mA
ROH
-6
Output Resistance, Low State
VCC=18V, IOUT=10mA
ROL
-5
Output Current, Continuous
Limited by package power
dissipation
IDC
-±1
A
Rise Time
VCC=18V, CLOAD=1000pF
tr
-18
ns
Fall Time
VCC=18V, CLOAD=1000pF
tf
-18
On-Time Propagation Delay
VCC=18V, CLOAD=1000pF
tondly
-75
Off-Time Propagation Delay
VCC=18V, CLOAD=1000pF
toffdly
-75
Power Supply Current
VCC=18V, VIN=3.5V
ICC
-3.5
mA
VCC=18V, VIN=0V
-150
A
VCC=18V, VIN=VCC
-150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com