Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXD_602 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXD_602
Description  2A Peak Source/Sink Drive Current
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXD_602 Datasheet(HTML) 1 Page - IXYS Corporation

  IXD_602 Datasheet HTML 1Page - IXYS Corporation IXD_602 Datasheet HTML 2Page - IXYS Corporation IXD_602 Datasheet HTML 3Page - IXYS Corporation IXD_602 Datasheet HTML 4Page - IXYS Corporation IXD_602 Datasheet HTML 5Page - IXYS Corporation IXD_602 Datasheet HTML 6Page - IXYS Corporation IXD_602 Datasheet HTML 7Page - IXYS Corporation IXD_602 Datasheet HTML 8Page - IXYS Corporation IXD_602 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
DS-IXD_602-R06
www.ixysic.com
1
Features
• 2A Peak Source/Sink Drive Current
• Wide Operating Voltage Range: 4.5V to 35V
• -40°C to +125°C Extended Operating Temperature
Range
• Logic Input Withstands Negative Swing of up to 5V
• Outputs May be Connected in Parallel for Higher
Drive Current
• Matched Rise and Fall Times
• Low Propagation Delay Time
• Low 10
A Supply Current
• Low Output Impedance
Applications
• Efficient Power MOSFET and IGBT Switching
• Switch Mode Power Supplies
• Motor Controls
• DC to DC Converters
• Class-D Switching Amplifiers
• Pulse Transformer Driver
Description
The IXDF602/IXDI602/IXDN602 dual high-speed gate
drivers are especially well suited for driving the latest
IXYS MOSFETs and IGBTs. Each of the two outputs
can source and sink 2A of peak current while
producing voltage rise and fall times of less than 10ns.
The input of each driver is CMOS compatible, and is
virtually immune to latch up. Proprietary circuitry
eliminates cross conduction and current
“shoot-through.” Low propagation delay and fast,
matched rise and fall times make the IXD_602 family
ideal for high-frequency and high-power applications.
The IXDN602 is configured as a dual non-inverting
driver, the IXDI602 is configured as a dual inverting
driver, and the IXDF602 has one inverting and one
non-inverting driver.
The IXD_602 family is available in a standard 8-pin
DIP (PI), an 8-pin SOIC (SIA), an 8-pin Power SOIC
with an exposed metal back (SI), and an 8-pin DFN
(D2) package.
Ordering Information
Part Number
Logic
Configuration
Package Type
Packing
Method
Quantity
IXDF602D2TR
8-Pin DFN
Tape & Reel
2000
IXDF602PI
8-Pin DIP
Tube
50
IXDF602SI
8-Pin Power SOIC with Exposed Metal Back
Tube
100
IXDF602SITR
8-Pin Power SOIC with Exposed Metal Back
Tape & Reel
2000
IXDF602SIA
8-Pin SOIC
Tube
100
IXDF602SIATR
8-Pin SOIC
Tape & Reel
2000
IXDI602D2TR
8-Pin DFN
Tape & Reel
2000
IXDI602PI
8-Pin DIP
Tube
50
IXDI602SI
8-Pin Power SOIC with Exposed Metal Back
Tube
100
IXDI602SITR
8-Pin Power SOIC with Exposed Metal Back
Tape & Reel
2000
IXDI602SIA
8-Pin SOIC
Tube
100
IXDI602SIATR
8-Pin SOIC
Tape & Reel
2000
IXDN602D2TR
8-Pin DFN
Tape & Reel
2000
IXDN602PI
8-Pin DIP
Tube
50
IXDN602SI
8-Pin Power SOIC with Exposed Metal Back
Tube
100
IXDN602SITR
8-Pin Power SOIC with Exposed Metal Back
Tape & Reel
2000
IXDN602SIA
8-Pin SOIC
Tube
100
IXDN602SIATR
8-Pin SOIC
Tape & Reel
2000
INA
INB
A
B
OUTA
OUTB
INA
INB
A
B
OUTA
OUTB
INA
INB
OUTA
OUTB
A
B
IXD_602
2-Ampere Dual Low-Side
Ultrafast MOSFET Drivers


Similar Part No. - IXD_602

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
IXDF602D2TR CLARE-IXDF602D2TR Datasheet
1Mb / 13P
2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDF602PI CLARE-IXDF602PI Datasheet
1Mb / 13P
2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDF602SI CLARE-IXDF602SI Datasheet
1Mb / 13P
2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDF602SIA CLARE-IXDF602SIA Datasheet
1Mb / 13P
2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDF602SIATR CLARE-IXDF602SIATR Datasheet
1Mb / 13P
2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
More results

Similar Description - IXD_602

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9199 RICHTEK-RT9199 Datasheet
204Kb / 13P
Cost-Effective, 2A Peak Sink/Source Bus Termination Regulator
logo
Eutech Microelectronics...
EUP7171 EUTECH-EUP7171 Datasheet
226Kb / 10P
2A Sink/Source Bus Termination Regulator
logo
Champion Microelectroni...
CM8562 CHAMP-CM8562 Datasheet
277Kb / 8P
2A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
logo
M.S. Kennedy Corporatio...
MSK4900 MSK-MSK4900_15 Datasheet
176Kb / 6P
Up to 8 Amp Peak Source and Sink Current
logo
IXYS Corporation
IXD_614 IXYS-IXD_614 Datasheet
310Kb / 14P
14A Peak Source/Sink Drive Current
IXD_630 IXYS-IXD_630 Datasheet
271Kb / 12P
30A Peak Source/Sink Drive Current
IXD_604 IXYS-IXD_604 Datasheet
320Kb / 13P
4A Peak Source/Sink Drive Current
IXD_609 IXYS-IXD_609 Datasheet
322Kb / 14P
9A Peak Source/Sink Drive Current
logo
Anpec Electronics Corop...
APL5338E ANPEC-APL5338E Datasheet
238Kb / 18P
2A Peak Sink/Source DDR Termination Regulator
logo
Excelliance MOS Corp.
EM5049 EXCELLIANCE-EM5049 Datasheet
1Mb / 10P
2A Sink/Source Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com