Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXD_602 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXD_602
Description  2A Peak Source/Sink Drive Current
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXD_602 Datasheet(HTML) 3 Page - IXYS Corporation

  IXD_602 Datasheet HTML 1Page - IXYS Corporation IXD_602 Datasheet HTML 2Page - IXYS Corporation IXD_602 Datasheet HTML 3Page - IXYS Corporation IXD_602 Datasheet HTML 4Page - IXYS Corporation IXD_602 Datasheet HTML 5Page - IXYS Corporation IXD_602 Datasheet HTML 6Page - IXYS Corporation IXD_602 Datasheet HTML 7Page - IXYS Corporation IXD_602 Datasheet HTML 8Page - IXYS Corporation IXD_602 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
IXD_602
R06
www.ixysic.com
3
1
Specifications
1.1 Pin Configurations
1.2 Pin Definitions
1.3 Absolute Maximum Ratings
Unless otherwise specified, absolute maximum electrical ratings are at 25°C
Absolute maximum ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device.
Functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not
implied.
1.4 Recommended Operating Conditions
IXDF602
NC
INA
GND
INB
NC
OUTA
V
CC
OUTB
1
4
3
2
8
5
6
7
A
B
IXDI602
NC
INA
GND
INB
NC
OUTA
V
CC
OUTB
1
4
3
2
8
5
6
7
A
B
IXDN602
NC
INA
GND
INB
NC
OUTA
V
CC
OUTB
1
4
3
2
8
5
6
7
A
B
Pin Name
Description
INA
Channel A Logic Input
INB
Channel B Logic Input
OUTA
OUTA
Channel A Output - Sources or sinks current to
turn-on or turn-off a discrete MOSFET or IGBT
OUTB
OUTB
Channel B Output - Sources or sinks current to
turn on or turn off a discrete MOSFET or IGBT
VCC
Supply Voltage - Provides power to the device
GND
Ground - Common ground reference for the
device
Parameter
Symbol
Minimum
Maximum
Units
Supply Voltage
VCC
-0.3
40
V
Input Voltage
VIN
-5.0
VCC+0.3
V
Output Current
IOUT
-±2
A
Junction Temperature
TJ
-55
+150
°C
Storage Temperature
TSTG
-65
+150
°C
Parameter
Symbol
Range
Units
Supply Voltage
VCC
4.5 to 35
V
Operating Temperature Range
TA
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com