Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXD_602 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXD_602
Description  2A Peak Source/Sink Drive Current
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXD_602 Datasheet(HTML) 5 Page - IXYS Corporation

  IXD_602 Datasheet HTML 1Page - IXYS Corporation IXD_602 Datasheet HTML 2Page - IXYS Corporation IXD_602 Datasheet HTML 3Page - IXYS Corporation IXD_602 Datasheet HTML 4Page - IXYS Corporation IXD_602 Datasheet HTML 5Page - IXYS Corporation IXD_602 Datasheet HTML 6Page - IXYS Corporation IXD_602 Datasheet HTML 7Page - IXYS Corporation IXD_602 Datasheet HTML 8Page - IXYS Corporation IXD_602 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
IXD_602
R06
www.ixysic.com
5
1.7 Thermal Characteristics
2
IXD_602 Performance
2.1 Timing Diagrams
2.2 Characteristics Test Diagram
Package
Parameter
Symbol
Rating
Units
IXDD602D2 (8-Pin DFN)
Thermal Resistance, Junction-to-Ambient
JA
35
°C/W
IXD_602PI (8-Pin DIP)
125
IXD_602SI (8-Pin Power SOIC)
85
IXD_602SIA (8-Pin SOIC)
120
IXD_602SI (8-Pin Power SOIC)
Thermal Resistance, Junction-to-Case
JC
10
°C/W
10%
90%
t
ondly
t
offdly
t
r
t
f
V
IH
V
IL
INx
OUTx
10%
90%
t
ondly
t
offdly
t
f
t
r
V
IH
V
IL
INx
OUTx
Inverting Driver Waveforms
Non-Inverting Driver Waveforms
INA
OUTA
GND
V
CC
INB
V
CC
+
-
V
IN
0.1
μF10μF
OUTB
C
LOAD
Tektronix
Current Probe
6302
Tektronix
Current Probe
6302
C
LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com