Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8SCR9KMT7 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SCR9KMT7
Description  8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SCR9KMT7 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button COP8SCR9KMT7 Datasheet HTML 19Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 20Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 21Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 22Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 23Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 24Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 25Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 26Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 80 page
background image
10.0 Functional Description (Continued)
In Case 1, V
CC rises from 0V and the on-chip RESET is
undefined until the supply is greater than approximately
1.0V. At this time the brownout circuit becomes active and
holds the device in RESET. As the supply passes a level of
about 1.8V, a delay of about 3 ms (t
d) is started and the Idle
Timer is preset to a value between 00F0 and 00FF (hex).
Once V
CC is greater than Vbor and td has expired, the Idle
Timer is allowed to count down (t
id).
Case 2 shows a subsequent dip in the supply voltage which
goes below the approximate 1.8V level. As V
CC drops below
V
bor, the internal RESET signal is asserted. When VCC rises
back above the 1.8V level, t
d is started. Since the power
supply rise time is longer for this case, t
d has expired before
V
CC rises above Vbor and tid starts immediately when VCC is
greater than V
bor.
Case 3 shows a dip in the supply where V
CC drops below
V
bor, but not below 1.8V. On-chip RESET is asserted when
V
CC goes below Vbor and tid starts as soon as the supply
goes back above V
bor.
If the Brownout Reset feature is enabled, the internal reset
will not be turned off until the Idle Timer underflows. The
internal reset will perform the same functions as external
reset. The device is guaranteed to operate at the specified
frequency down to the specified brownout voltage. After the
underflow, the logic is designed such that no additional
internal resets occur as long as V
CC remains above the
brownout voltage.
The device is relatively immune to short duration negative-
going V
CC transients (glitches). It is essential that good
filtering of V
CC be done to ensure that the brownout feature
works correctly. Power supply decoupling is vital even in
battery powered systems.
There are two optional brownout voltages. The part numbers
for the three versions of this device are:
COP8SBR9, V
bor = low voltage range
COP8SCR9, V
bor = high voltage range
COP8SDR9, BOR is disabled.
Refer to the device specifications for the actual V
bor volt-
ages.
High brownout voltage devices are guaranteed to operate at
10MHz down to the brownout voltage. Low brownout voltage
devices are guaranteed to operate at 3.33MHz down to the
brownout voltage. Devices are not guaranteed to operate
at 10MHz down to the low brownout voltage.
Under no circumstances should the RESET pin be allowed
to float. If the on-chip Brownout Reset feature is being used,
the RESET pin should be connected directly to V
CC. The
RESET input may also be connected to an external pull-up
resistor or to other external circuitry. Any rising edge on the
RESET pin while V
CC is below the specified operating range
may cause unpredictable results. The output of the brownout
reset detector will always preset the Idle Timer to a value
between 00F0 and 00FF (240 to 256 t
C). At this time, the
internal reset will be generated.
If the BOR feature is disabled, then no internal resets are
generated and the Idle Timer will power-up with an unknown
value. In this case, the external RESET must be used. When
BOR is disabled, this on-chip circuitry is disabled and draws
no DC current.
The contents of data registers and RAM are unknown fol-
lowing the on-chip reset.
10138913
FIGURE 10. Brownout Reset Operation
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com