Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8SCR9KMT7 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SCR9KMT7
Description  8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SCR9KMT7 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button COP8SCR9KMT7 Datasheet HTML 33Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 34Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 35Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 36Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 37Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 38Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 39Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 40Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 80 page
background image
12.0 Timers (Continued)
TxENB
Timer Interrupt Enable Flag
1 = Timer Interrupt Enabled
0 = Timer Interrupt Disabled
The timer mode control bits (TxC3, TxC2 and TxC1) are
detailed in Table 15, Timer Operating Modes.
When the high speed timers are counting in high speed
mode, directly altering the contents of the timer upper or
lower registers, the PWM outputs or the reload registers is
not recommended. Bit operations can be particularly prob-
lematic. Since any of these six registers or the PWM outputs
can change as many as ten times in a single instruction
cycle, performing an SBIT or RBIT operation with the timer
running can produce unpredictable results. The recom-
mended procedure is to stop the timer, perform any changes
to the timer, the PWM outputs or reload register values, and
then re-start the timer. This warning does not apply to the
timer control register. Any type of read/write operation, in-
cluding SBIT and RBIT may be performed on this register in
any operating mode.
TABLE 15. Timer Operating Modes
Mode
TxC3
TxC2
TxC1
Description
Interrupt A
Source
Interrupt B
Source
Timer
Counts On
1
1
0
1
PWM: TxA Toggle
Autoreload RA
Autoreload RB
t
C or MCLK
1
0
0
PWM: No TxA
Toggle
Autoreload RA
Autoreload RB
t
C or MCLK
2
0
0
0
External Event
Counter
Timer Underflow
Pos. TxB Edge
TxA Pos.
Edge
0
0
1
External Event
Counter
Timer Underflow
Pos. TxB Edge
TxA Neg.
Edge
3
0
1
0
Captures:
Pos. TxA Edge
Pos. TxB Edge
t
C or MCLK
TxA Pos. Edge
or Timer
TxB Pos. Edge
Underflow
1
1
0
Captures:
Pos. TxA
Neg. TxB
t
C or MCLK
TxA Pos. Edge
Edge or Timer
Edge
TxB Neg. Edge
Underflow
0
1
1
Captures:
Neg. TxA
Pos. TxB
t
C or MCLK
TxA Neg. Edge
Edge or Timer
Edge
TxB Pos. Edge
Underflow
1
1
1
Captures:
Neg. TxA
Neg. TxB
t
C or MCLK
TxA Neg. Edge
Edge or Timer
Edge
TxB Neg. Edge
Underflow
13.0 Power Saving Features
Today, the proliferation of battery-operated applications has
placed new demands on designers to drive power consump-
tion down. Battery operated systems are not the only type of
applications demanding low power. The power budget con-
straints are also imposed on those consumer/industrial ap-
plications where well regulated and expensive power supply
costs cannot be tolerated. Such applications rely on low cost
and low power supply voltage derived directly from the
“mains” by using voltage rectifier and passive components.
Low power is demanded even in automotive applications,
due to increased vehicle electronics content. This is required
to ease the burden from the car battery. Low power 8-bit
microcontrollers supply the smarts to control battery-
operated, consumer/industrial, and automotive applications.
The device offers system designers a variety of low-power
consumption features that enable them to meet the demand-
ing requirements of today’s increasing range of low-power
applications. These features include low voltage operation,
low current drain, and power saving features such as HALT,
IDLE, and Multi-Input Wake-Up (MIWU).
This device supports three operating modes, each of which
have two power save modes of operation. The three operat-
ing modes are: High Speed, Dual Clock, and Low Speed.
Within each operating mode, the two power save modes are:
HALT and IDLE. In the HALT mode of operation, all micro-
controller activities are stopped and power consumption is
reduced to a very low level. In this device, the HALT mode is
enabled and disabled by a bit in the Option register. The
IDLE mode is similar to the HALT mode, except that certain
sections of the device continue to operate, such as: the
on-board oscillator, the IDLE Timer (Timer T0), and the Clock
Monitor. This allows real time to be maintained. During
power save modes of operation, all on board RAM, registers,
I/O states and timers (with the exception of T0) are unal-
tered.
Two oscillators are used to support the three different oper-
ating modes. The high speed oscillator refers to the oscillator
connected to CKI and the low speed oscillator refers to the
32 kHz oscillator connected to pins L0 & L1. When using L0
and L1 for the low speed oscillator, the user must ensure that
the L0 and L1 pins are configured for hi-Z input, L1 is not
using CKX on the USART, and Multi-Input Wake-up for these
pins is disabled.
A diagram of the three modes is shown in Figure 19.
www.national.com
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com