Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8SCR9KMT7 Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SCR9KMT7
Description  8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SCR9KMT7 Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button COP8SCR9KMT7 Datasheet HTML 49Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 50Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 51Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 52Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 53Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 54Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 55Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 56Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
15.0 Interrupts (Continued)
The default VIS interrupt vector can be useful for applica-
tions in which time critical interrupts can occur during the
servicing of another interrupt. Rather than restoring the pro-
gram context (A, B, X, etc.) and executing the RETI instruc-
tion, an interrupt service routine can be terminated by return-
ing to the VIS instruction. In this case, interrupts will be
serviced in turn until no further interrupts are pending and
the default VIS routine is started. After testing the GIE bit to
ensure that execution is not erroneous, the routine should
restore the program context and execute the RETI to return
to the interrupted program.
This technique can save up to fifty instruction cycles (t
C), or
more, (25 µs at 10 MHz oscillator) of latency for pending
interrupts with a penalty of fewer than ten instruction cycles
if no further interrupts are pending.
To ensure reliable operation, the user should always use the
VIS instruction to determine the source of an interrupt. Al-
though it is possible to poll the pending bits to detect the
source of an interrupt, this practice is not recommended. The
use of polling allows the standard arbitration ranking to be
altered, but the reliability of the interrupt system is compro-
mised. The polling routine must individually test the enable
and pending bits of each maskable interrupt. If a Software
Trap interrupt should occur, it will be serviced last, even
though it should have the highest priority. Under certain
conditions, a Software Trap could be triggered but not ser-
viced, resulting in an inadvertent “locking out” of all
maskable interrupts by the Software Trap pending flag.
Problems such as this can be avoided by using VIS
instruction.
TABLE 19. Interrupt Vector Table
Arbitration Ranking
Source Description
Vector Address (Note 16)
(Hi-Low Byte)
(1) Highest
Software
INTR Instruction
0yFE–0yFF
(2)
Reserved for NMI
0yFC–0yFD
(3)
External
G0
0yFA–0yFB
(4)
Timer T0
Underflow
0yF8–0yF9
(5)
Timer T1
T1A/Underflow
0yF6–0yF7
(6)
Timer T1
T1B
0yF4–0yF5
(7)
MICROWIRE/PLUS
BUSY Low
0yF2–0yF3
(8)
Reserved
0yF0–0yF1
(9)
USART
Receive
0yEE–0yEF
(10)
USART
Transmit
0yEC–0yED
(11)
Timer T2
T2A/Underflow
0yEA–0yEB
(12)
Timer T2
T2B
0yE8–0yE9
(13)
Timer T3
T3A/Underflow
0yE6–0yE7
(14)
Timer T3
T3B
0yE4–0yE5
(15)
Port L/Wakeup
Port L Edge
0yE2–0yE3
(16) Lowest
Default VIS
Reserved
0yE0–0yE1
Note 16: y is a variable which represents the VIS block. VIS and the vector table must be located in the same 256-byte block except if VIS is located at the last
address of a block. In this case, the table must be in the next block.
15.3.1 VIS Execution
When the VIS instruction is executed it activates the arbitra-
tion logic. The arbitration logic generates an even number
between E0 and FE (E0, E2, E4, E6 etc....) depending on
which active interrupt has the highest arbitration ranking at
the time of the 1st cycle of VIS is executed. For example, if
the software trap interrupt is active, FE is generated. If the
external interrupt is active and the software trap interrupt is
not, then FA is generated and so forth. If no active interrupt
is pending, than E0 is generated. This number replaces the
lower byte of the PC. The upper byte of the PC remains
unchanged. The new PC is therefore pointing to the vector of
the active interrupt with the highest arbitration ranking. This
vector is read from program memory and placed into the PC
which is now pointed to the 1st instruction of the service
routine of the active interrupt with the highest arbitration
ranking.
Figure 27 illustrates the different steps performed by the VIS
instruction. Figure 28 shows a flowchart for the VIS instruc-
tion.
The non-maskable interrupt pending flag is cleared by the
RPND (Reset Non-Maskable Pending Bit) instruction (under
certain conditions) and upon RESET.
www.national.com
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com