Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8SCR9KMT7 Datasheet(PDF) 69 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SCR9KMT7
Description  8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SCR9KMT7 Datasheet(HTML) 69 Page - National Semiconductor (TI)

Back Button COP8SCR9KMT7 Datasheet HTML 65Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 66Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 67Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 68Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 69Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 70Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 71Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 72Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 73Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
19.0 Instruction Set (Continued)
19.7 INSTRUCTION EXECUTION TIME
Most instructions are single byte (with immediate addressing
mode instructions taking two bytes).
Most single byte instructions take one cycle time to execute.
Skipped instructions require x number of cycles to be
skipped, where x equals the number of bytes in the skipped
instruction opcode.
See the BYTES and CYCLES per INSTRUCTION table for
details.
Bytes and Cycles per Instruction
The following table shows the number of bytes and cycles for
each instruction in the format of byte/cycle.
Arithmetic and Logic Instructions
[B]
Direct
Immed.
ADD
1/1
3/4
2/2
ADC
1/1
3/4
2/2
SUBC
1/1
3/4
2/2
AND
1/1
3/4
2/2
OR
1/1
3/4
2/2
XOR
1/1
3/4
2/2
IFEQ
1/1
3/4
2/2
IFGT
1/1
3/4
2/2
IFBNE
1/1
DRSZ
1/3
SBIT
1/1
3/4
RBIT
1/1
3/4
IFBIT
1/1
3/4
RPND
1/1
Instructions Using A & C
CLRA
1/1
INCA
1/1
DECA
1/1
LAID
1/3
DCORA
1/1
RRCA
1/1
RLCA
1/1
SWAPA
1/1
SC
1/1
RC
1/1
IFC
1/1
IFNC
1/1
PUSHA
1/3
POPA
1/3
ANDSZ
2/2
Transfer of Control Instructions
JMPL
3/4
JMP
2/3
JP
1/3
JSRL
3/5
JSR
2/5
JSRB
2/5
JID
1/3
VIS
1/5
RET
1/5
RETSK
1/5
RETI
1/5
INTR
1/7
NOP
1/1
Memory Transfer Instructions
Register
Direct
Immed.
Register Indirect
Indirect
Auto Incr. & Decr.
[B]
[X]
[B+, B−]
[X+, X−]
X A, (Note 17)
1/1
1/3
2/3
1/2
1/3
LD A, (Note 17)
1/1
1/3
2/3
2/2
1/2
1/3
LD B,Imm
1/1
(If B < 16)
LD B,Imm
2/2
(If B > 15)
LD Mem,Imm
2/2
3/3
2/2
LD Reg,Imm
2/3
IFEQ MD,Imm
3/3
Note 17:
= > Memory location addressed by B or X or directly.
www.national.com
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com