Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8SCR9KMT7 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SCR9KMT7
Description  8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SCR9KMT7 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button COP8SCR9KMT7 Datasheet HTML 20Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 21Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 22Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 23Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 24Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 25Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 26Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 27Page - National Semiconductor (TI) COP8SCR9KMT7 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 80 page
background image
10.0 Functional Description
(Continued)
10.8 OSCILLATOR CIRCUITS
The device has two crystal oscillators to facilitate low power
operation while maintaining throughput when required. Fur-
ther information on the use of the two oscillators is found in
Section 7.0 Power Saving Features. The low speed oscillator
utilizes the L0 and L1 port pins. References in the following
text to CKI will also apply to L0 and references to G7/CKO
will also apply to L1.
10.8.1 Oscillator
CKI is the clock input while G7/CKO is the clock generator
output to the crystal. An on-chip bias resistor connected
between CKI and CKO is provided to reduce system part
count. The value of the resistor is in the range of 0.5M to 2M
(typically 1.0M). Table 2 shows the component values re-
quired for various standard crystal values. Resistor R2 is
on-chip, for the high speed oscillator, and is shown for
reference. Figure 12 shows the crystal oscillator connection
diagram. A ceramic resonator of the required frequency may
be used in place of a crystal if the accuracy requirements are
not quite as strict.
TABLE 2. Crystal Oscillator Configuration,
T
A = 25˚C, VCC =5V
R1 (k
Ω)R2 (MΩ)
C1 (pF)
C2 (pF)
CKI Freq.
(MHz)
0
On Chip
18
18
10
0
On Chip
18
18
5
0
On Chip
18–36
18–36
1
5.6
On Chip
100
100–156
0.455
020
**
**
32.768
kHz*
*Applies to connection to low speed oscillator on port pins L0 and L1 only.
**See Note below.
The crystal and other oscillator components should be
placed in close proximity to the CKI and CKO pins to mini-
mize printed circuit trace length.
The values for the external capacitors should be chosen to
obtain the manufacturer’s specified load capacitance for the
crystal when combined with the parasitic capacitance of the
trace, socket, and package (which can vary from 0 to 8 pF).
The guideline in choosing these capacitors is:
Manufacturer’s specified load cap = (C
1 *C2)/(C1 +C2)+
C
parasitic
C
2 can be trimmed to obtain the desired frequency. C2
should be less than or equal to C
1.
Note: The low power design of the low speed oscillator
makes it extremely sensitive to board layout and load ca-
pacitance. The user should place the crystal and load ca-
pacitors within 1cm. of the device and must ensure that the
above equation for load capacitance is strictly followed. If
these conditions are not met, the application may have
problems with startup of the low speed oscillator.
TABLE 3. Startup Times
CKI Frequency
Startup Time
10 MHz
1–10 ms
3.33 MHz
3–10 ms
1 MHz
3–20 ms
455 kHz
10–30 ms
32 kHz (low speed oscillator)
2–5 sec
10.8.2 Clock Doubler
This device contains a frequency doubler that doubles the
frequency of the oscillator selected to operate the main
microcontroller core. The details of how to select either the
high speed oscillator or low speed oscillator are described in,
Power Saving Features. When the high speed oscillator
connected to CKI operates at 10 MHz, the internal clock
frequency is 20 MHz, resulting in an instruction cycle time of
0.5 µs. When the 32 kHz oscillator connected to L0 and L1 is
selected, the internal clock frequency is 64 kHz, resulting in
an instruction cycle of 152.6 µs. The output of the clock
doubler is called MCLK and is referenced in many places
within this document.
10138914
FIGURE 11. Reset Circuit Using Power-On Reset
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com