Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P447SA Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM78P447SA
Description  8-BIT MICRO-CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447SA Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM78P447SA Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
EM78P447S
OTP ROM
Wake-Up from Pin Change
U
U
U
U
P
U
U
P
Bit Name
/WUE7 /WUE6 /WUE5 /WUE4 /WUE3 /WUE2 /WUE1 /WUE0
0x0B
IOCB
Power-On
1
1
1
1
1
1
1
1
/RESET and WDT
1
1
1
1
1
1
1
1
Wake-Up from Pin Change
P
P
P
P
P
P
P
P
Bit Name
X
ODE
WDTE SLPC
ROC
X
X
/WUE
0x0E
IOCE
Power-On
U
0
1
1
0
U
U
1
/RESET and WDT
U
0
1
1
0
U
U
1
Wake-Up from Pin Change
U
P
1
1
P
U
U
P
Bit Name
X
X
X
X
EXIE
X
X
TCIE
0x0F
IOCF
Power-On
U
U
U
U
0
U
U
0
/RESET and WDT
U
U
U
U
0
U
U
0
Wake-Up from Pin Change
U
U
U
U
P
U
U
P
Bit Name
-
-
-
-
-
-
-
-
0x08
R8
Power-On
0
0
0
0
0
0
0
0
/RESET and WDT
0
0
0
0
0
0
0
0
Wake-Up from Pin Change
P
P
P
P
P
P
P
P
Bit Name
-
-
-
-
-
-
-
-
0x09~
0x3E
R9~R3E
Power-On
U
U
U
U
U
U
U
U
/RESET and WDT
P
P
P
P
P
P
P
P
Wake-Up from Pin Change
P
P
P
P
P
P
P
P
** To execute next instruction after the ”SLPC” bit status of IOCE register being on high-to-low transition.
X: Not used. U: Unknown or don’t care. -: not defined. P: Previous value before reset. t: Check Table 6
2. The Status of RST, T, and P of STATUS Register
A RESET condition is initiated by one of the following events:
1. A power-on condition,
2. A high-low-high pulse on /RESET pin, and
3. Watchdog timer time-out.
The values of T and P (listed in Table 5 below) are used to verify the event that triggered the processor to wake up.
Table 6 shows the events that may affect the status of T and P.
Table 6 The Values of RST, T and P after RESET
Reset Type
T
P
Power on
1
1
/RESET during Operating mode
*P
*P
/RESET wake-up during SLEEP1 mode
1
0
/RESET wake-up during SLEEP2 mode
*P
*P
WDT during Operating mode
0
*P
WDT wake-up during SLEEP1 mode
0
0
WDT wake-up during SLEEP2 mode
0
*P
Wake-Up on pin change during SLEEP2 mode
*P
*P
*P: Previous status before reset
This specification is subject to change without prior notice.
06.25.2003 (V1.1)
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com