Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P447SA Datasheet(PDF) 23 Page - ELAN Microelectronics Corp

Part # EM78P447SA
Description  8-BIT MICRO-CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447SA Datasheet(HTML) 23 Page - ELAN Microelectronics Corp

Back Button EM78P447SA Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 27Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
EM78P447S
OTP ROM
4.6 Interrupt
The EM78P447S has two interrupts listed below:
(1) TCC overflow interrupt
(2) External interrupt (/INT pin).
R3F is the interrupt status register that records the interrupt requests in the relative flags/bits. IOCF is the interrupt
mask register. The global interrupt is enabled by the ENI instruction and is disabled by the DISI instruction. When
one of the interrupts (enabled) occurs, the next instruction will be fetched from address 001H. Once in the interrupt
service routine, the source of an interrupt can be determined by polling the flag bits in R3F. The interrupt flag bit
must be cleared by instructions before leaving the interrupt service routine and before interrupts are enabled to
avoid recursive interrupts.
The flag (except ICIF bit) in the Interrupt Status Register (R3F) is set regardless of the status of its mask bit or the
execution of ENI. Note that the outcome of R3F are the logic AND of R3F and IOCF (refer to Fig. 9). The RETI
instruction ends the interrupt routine and enables the global interrupt (the execution of ENI).
When an interrupt is generated by the INT instruction (enabled), the next instruction will be fetched from address
002H.
INT
ENI/DISI
IOD
RFWR
IOCFRD
IOCFWR
IRQn
IRQm
RFRD
IOCF
/RESET
/IRQn
VCC
RF
CLK
CLK
Q
Q
D
P
R
L
C
_
P
R
L
C
Q
Q
_
D
Fig. 9 Interrupt Input Circuit
This specification is subject to change without prior notice.
06.25.2003 (V1.1)
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com