Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P447SA Datasheet(PDF) 17 Page - ELAN Microelectronics Corp

Part # EM78P447SA
Description  8-BIT MICRO-CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447SA Datasheet(HTML) 17 Page - ELAN Microelectronics Corp

Back Button EM78P447SA Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 21Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
EM78P447S
OTP ROM
4.4 I/O Ports
The I/O registers, Port 5, Port 6, and Port 7, are bi-directional tri-state I/O ports. The functions of Pull-high, R-option, and
Open-drain can be performed internally by CONT and IOCE respectively. There is input status change wake-up function on
Port 6, P74, and P75. Each I/O pin can be defined as "input" or "output" pin by the I/O control register (IOC5 ~ IOC7). The
I/O registers and I/O control registers are both readable and writable. The I/O interface circuits for Port 5, Port 6, and Port
7 are shown in Figures. 7(a) and (b) respectively.
PDRD
Q
Q
CLK
D
PCWR
PDWR
Q
Q
CLK
D
PR
CL
PORT
0
1
M
U
X
IOD
PCRD
PR
CL
Fig. 7 (a) The I/O Port and I/O Control Register Circuit
PDRD
Q
Q
CLK
D
PCWR
PDWR
Q
Q
CLK
D
0
1
M
U
X
IOD
ROC
VCC
Weakly
Pull- up
PORT
Rex*
*The Rex is 430K ohm external resistor
PCRD
PR
CL
PR
CL
Fig.7(b) The I/O Port with R-Option (P70, P71) Circuit
This specification is subject to change without prior notice.
06.25.2003 (V1.1)
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com