Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P447SA Datasheet(PDF) 40 Page - ELAN Microelectronics Corp

Part # EM78P447SA
Description  8-BIT MICRO-CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447SA Datasheet(HTML) 40 Page - ELAN Microelectronics Corp

Back Button EM78P447SA Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 44Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
EM78P447S
OTP ROM
Vol/Iol (5V)
0
10
20
30
40
50
60
01
23
45
Vol(Volt)
Fig. 22 Port7 Vol vs. Iol, VDD=5V
Vol/Iol (3V)
0
5
10
15
20
25
0
0.5
1
1.5
2
2.5
3
Vol(Volt)
Fig. 23 Port7 Vol vs. Iol, VDD=3V
Max 0 ℃
Max 0 ℃
Typ 25 ℃
Typ 25 ℃
Min 70 ℃
Min 70 ℃
This specification is subject to change without prior notice.
06.25.2003 (V1.1)
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com