Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P447SA Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EM78P447SA
Description  8-BIT MICRO-CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447SA Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EM78P447SA Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P447SA Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
EM78P447S
OTP ROM
3. R2 (Program Counter) & Stack
• Depending on the device type, R2 and hardware stack are 10-bit wide. The structure is depicted in
Fig.3.
• Generating 1024
×13 bits on-chip OTP ROM addresses to the relative programming instruction codes.
One program page is 1024 words long.
• R2 is set as all "0"s when under RESET condition.
• "JMP" instruction allows direct loading of the lower 10 program counter bits. Thus, "JMP" allows PC
to go to any location within a page.
• "CALL" instruction loads the lower 10 bits of the PC, and then PC+1 is pushed into the stack. Thus,
the subroutine entry address can be located anywhere within a page.
• "RET" ("RETL k", "RETI") instruction loads the program counter with the contents of the top-level
stack.
• "ADD R2,A" allows the contents of ‘A’ to be added to the current PC, and the ninth and tenth bits of
the PC are cleared.
• "MOV R2,A" allows to load an address from the "A" register to the lower 8 bits of the PC, and the ninth
and tenth bits of the PC are cleared.
• Any instruction that writes to R2 (e.g. "ADD R2,A", "MOV R2,A", "BC R2,6",
⋅⋅⋅⋅⋅) will cause the ninth
and tenth bits (A8~A9) of the PC to be cleared. Thus, the computed jump is limited to the first 256
locations of a page.
• All instruction are single instruction cycle (fclk/2 or fclk/4) except for the instruction that would change
the contents of R2. Such instruction will need one more instruction cycle.
A7
~
A0
On-chip Program
Memory
000H
FFFH
001H
Hardware Vector
Software Vector
Reset Vector
002H
A9 A8
A11 A10
Stack Level 1
Stack Level 3
Stack Level 2
Stack Level 4
Stack Level 5
CALL
00 PAGE0 0000~03FF
01 PAGE1 0400~07FF
10 PAGE2 0800~0BFF
11 PAGE3 0C00~0FFF
R3
RET
RETL
RETI
Fig. 3 Program Counter Organization
This specification is subject to change without prior notice.
06.25.2003 (V1.1)
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com