Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM431S Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM431S
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM431S Datasheet(HTML) 2 Page - New Japan Radio

  NJM431S Datasheet HTML 1Page - New Japan Radio NJM431S Datasheet HTML 2Page - New Japan Radio NJM431S Datasheet HTML 3Page - New Japan Radio NJM431S Datasheet HTML 4Page - New Japan Radio NJM431S Datasheet HTML 5Page - New Japan Radio NJM431S Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NJM431S/NJM432S
- 2 -
Ver.2015-06-26
■ ABSOLUTE MAXIMUM RATINGS
(Ta=25ºC)
PARAMETER
SYMBOL
MAXIMUM RATINGS
UNIT
Cathode Voltage
VKA
37 (*1)
V
Continuous Cathode Current
IK
-100 to 150
mA
Reference Input Current
IREF
-0.05 to 10
mA
Power Dissipation
PD
SOT-89-3 : 450(*2)
: 1300(*3)
mW
SOT-23-5 : 480(*4)
: 650(*5)
Operating Temperature Range
Topr
-40 to +125
C
Storage Temperature Range
Tstg
-50 to +150
C
(*1) Unless specified, all voltage value are with respect to the anode pin.
(*2) Mounted on glass epoxy board. (76.2
 114.3  1.6mm: EIA/JDEC standard size, 2Layers, copper area 100mm2)
(*3) Mounted on glass epoxy board. (76.2
 114.3  1.6mm: EIA/JDEC standard size, 4Layers)
(4Layers inner foil: 74.2
 74.2mm applying a thermal via hole to a board based on JEDEC standard JESD51-5)
(*4) Mounted on glass epoxy board based on EIA/JEDEC. (76.2
 114.3  1.6mm: 2Layers FR-4)
(*5) Mounted on glass epoxy board based on EIA/JEDEC. (76.2
 114.3  1.6mm: 4Layers FR-4),
internal Cu area: 74.2
 74.2mm
■ RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Cathode Voltage
VKA
VREF
-
36
V
Cathode Current
IK
0.7
-
100
mA
■ ELECTRICAL CHARACTERISTICS
(IK=10mA, Ta=25ºC)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Reference Voltage
VREF
VKA=VREF (*6)
2450
2495
2540
mV
Reference Input Voltage Change
Over Temperature Range
∆V
REF
(dev)
VKA=VREF (*6)
Ta=-40˚C to +85˚C
-
8
17
mV
Reference Voltage Change
vs. Cathode Voltage Change
∆V
REF/
∆V
KA
(*7)
∆V
KA=10V-VREF
∆V
KA=36V-10V
-
-1.4
-1
-2.7
-2
mV/V
Reference Input Current
IREF
R1=10k
Ω, R2=∞(*7)
-
2
4
µA
Reference Input Current Change
Over Temperature Range
∆I
REF
(dev)
R1=10k
Ω, R2=∞(*7)
Ta=-40˚C to +85˚C
-
0.4
1.2
µA
Minimum Cathode Current
IMIN
VKA=VREF(*6)
-
0.4
0.7
mA
OFF State Cathode Current
IOFF
VKA=36V, VREF=0V(*8)
-
0.1
1.0
µA
Dynamic Impedance
ΙZ
KAΙ
VKA=VREF, IK=1mA to 100mA,
f
≤1kHz(*6)
-
0.2
0.5
Ω
The maximum value of
“Dynamic Impedance“, “Reference Voltage Change” and “Reference Input Current Change”
are determined based on sampling evaluation from the initial production lots, and thus not tested in the production test.
Therefore, these values are for the reference design purpose only.
(*6) Test Circuit Fig.1
(*7) Test Circuit Fig.2
(*8) Test Circuit Fig.3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com