Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM431S Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM431S
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM431S Datasheet(HTML) 3 Page - New Japan Radio

  NJM431S Datasheet HTML 1Page - New Japan Radio NJM431S Datasheet HTML 2Page - New Japan Radio NJM431S Datasheet HTML 3Page - New Japan Radio NJM431S Datasheet HTML 4Page - New Japan Radio NJM431S Datasheet HTML 5Page - New Japan Radio NJM431S Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NJM431S/NJM432S
- 3 -
Ver.2015-06-26
■ TEST CIRCUIT
Fig.1 Test Circuit for VKA=VREF
Fig. 2 Test Circuit for VKA>VREF
Fig.3 Test Circuit for IOFF
VO=VKA=VREF
1
R
I
2
R
1
R
1
V
V
V
REF
REF
KA
O
 
■ POWER DISSIPATION vs. AMBIENT TEMPERATURE
0
200
400
600
800
1000
1200
1400
1600
-50
-25
0
25
50
75
100
125
150
Ambient Temperature : Ta [ºC]
NJM431SU / NJM432SU (SOT-89-3)
Power Dissipation
(Topr=-40ºC to +125ºC, Tj=150ºC)
(*3) on 4 Layers Board
(*2) on 2 Layers Board
0
100
200
300
400
500
600
700
800
-50
-25
0
25
50
75
100
125
150
Ambient Temperature : Ta [ºC]
NJM431SF / NJM432SF (SOT-23-5)
Power Dissipation
(Topr=-40ºC to +125ºC, Tj=150ºC)
(*5) on 4 Layers Board
(*4) on 2 Layers Board
(*2) Mounted on glass epoxy board. (76.2
 114.3  1.6mm: EIA/JDEC standard size, 2Layers, copper area 100mm2)
(*3) Mounted on glass epoxy board. (76.2
 114.3  1.6mm: EIA/JDEC standard size, 4Layers)
(4Layers inner foil: 74.2
 74.2mm applying a thermal via hole to a board based on JEDEC standard JESD51-5)
(*4) Mounted on glass epoxy board based on EIA/JEDEC. (76.2
 114.3  1.6mm: 2Layers FR-4)
(*5) Mounted on glass epoxy board based on EIA/JEDEC. (76.2
 114.3  1.6mm: 4Layers FR-4),
internal Cu area: 74.2
 74.2mm
INPUT
VKA
IK
VREF
INPUT
VKA
IK
VREF
IREF
R1
R2
INPUT
VKA
IOFF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com