Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM431S Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM431S
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM431S Datasheet(HTML) 5 Page - New Japan Radio

  NJM431S Datasheet HTML 1Page - New Japan Radio NJM431S Datasheet HTML 2Page - New Japan Radio NJM431S Datasheet HTML 3Page - New Japan Radio NJM431S Datasheet HTML 4Page - New Japan Radio NJM431S Datasheet HTML 5Page - New Japan Radio NJM431S Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NJM431S/NJM432S
- 5 -
Ver.2015-06-26
■ TYPICAL CHARACTERISTICS
0
20
40
60
80
100
0.01
0.1
1
10
Output Capacitor : C
OUT [µF]
Safety Operating Boundary Condition
R
IN=30Ω, VKA=VREF, Ta=25ºC
Unstable Operation Region
Stable
Operation
Region
Stable
Operation
Region
Ceramic Capacitor
0
20
40
60
80
100
0.1
1
10
100
Output Capacitor : C
OUT [µF]
Safety Operating Boundary Condition
R
IN=30Ω, VK=VREF, Ta=25ºC
Unstable Operation Region
Stable Operation Region
Aluminum Electrolytic Capacitor
Safety Operating Boundary Condition Test Circuit
Note) Oscillation might occur while operating within the range of safety curve.
So that, it is necessary to make ample margins by taking considerations of fluctuation of the device.
V
KA
C
OUT
V+
R
IN=30Ω
I
K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com