Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM431S Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM431S
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM431S Datasheet(HTML) 4 Page - New Japan Radio

  NJM431S Datasheet HTML 1Page - New Japan Radio NJM431S Datasheet HTML 2Page - New Japan Radio NJM431S Datasheet HTML 3Page - New Japan Radio NJM431S Datasheet HTML 4Page - New Japan Radio NJM431S Datasheet HTML 5Page - New Japan Radio NJM431S Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NJM431S/NJM432S
- 4 -
Ver.2015-06-26
■ TYPICAL CHARACTERISTICS
2.45
2.46
2.47
2.48
2.49
2.5
2.51
2.52
2.53
2.54
0.1
1
10
100
Cathode Current : I
K [mA]
Reference Voltage vs. Cathode Current
V
KA=VREF, Ta=25ºC
2.45
2.46
2.47
2.48
2.49
2.5
2.51
2.52
2.53
2.54
-50
-25
0
25
50
75
100 125 150
Ambient Temperature : T
a [ºC]
Reference Voltage vs. Ambient Temperature
V
KA=VREF, IK=10mA
0
0.5
1
1.5
2
2.5
3
3.5
4
-50
-25
0
25
50
75
100 125 150
Ambient Temperature : T
a [ºC]
Reference Input Current vs. Ambient Temperature
R1=10k
Ω, R2=∞, I
K=10mA
2.45
2.46
2.47
2.48
2.49
2.50
2.51
2.52
2.53
2.54
0
10
20
30
40
Cathode Voltage : V
KA [V]
Reference Voltage vs. Cathode Voltage
R1=10k to 150k
Ω, R2=10kΩ, I
K=10mA, Ta=25ºC
0
0.1
0.2
0.3
0.4
0.5
0.001
0.01
0.1
1
10
100
Frequency : f [kHz]
Dynamic Impedance vs. Frequency
I
K=1mA to 100mA, VKA=VREF, Ta=25ºC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com