Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM431S Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM431S
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM431S Datasheet(HTML) 1 Page - New Japan Radio

  NJM431S Datasheet HTML 1Page - New Japan Radio NJM431S Datasheet HTML 2Page - New Japan Radio NJM431S Datasheet HTML 3Page - New Japan Radio NJM431S Datasheet HTML 4Page - New Japan Radio NJM431S Datasheet HTML 5Page - New Japan Radio NJM431S Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NJM431S/NJM432S
- 1 -
Ver.2015-06-26
+
-
CATHODE
ANODE
REFERENCE
VREF
CATHODE
ANODE
REFERENCE
ADJUSTABLE PRECISION SHUNT REGULATOR
■ GENERAL DESCRIPTION
■ PACKAGE OUTLINE
The NJM431S/NJM432S are adjustable precision shunt regulators.
The output voltage may be set to any value between VREF
(about 2.5V) and 36V by two resistors.
Compared to the conventional 431, the NJM431S/NJM432S are
improved the voltage accuracy. And they have smaller package
option to support a wide range of applications.
The NJM432S is the pin assignment option.
■ FEATURES
▪ Operating Voltage
VREF to 36V
▪ Precision Voltage Reference
2.495±1.8%
▪ Adjustable Output Voltage
▪ Bipolar Technology
▪ Package Outline
NJM431SU / NJM432SU
SOT-89-3
NJM431SF / NJM432SF
SOT-23-5
■ BLOCK DIAGRAM / SYMBOL
■ PIN CONFIGURATION
NJM431SU
NJM431SF
NJM432SU
NJM432SF
NJM431SU
NJM432SU
(SOT-89-3)
NJM431SF
NJM432SF
(SOT-23-5)
1
2
3
1
2
3
1
2
3
5
4
1
2
3
5
4
1.REFERENCE
2.ANODE
3.CATHODE
1.CATHODE
2.ANODE
3.REFERENCE
1.N.C.
2.ANODE*
3.CATHODE
4.REFERENCE
5.ANODE
1.N.C.
2.ANODE
3.N.C.
4.CATHODE
5.REFERENCE
* Pin 2 is attached to Substrate
and must beconnected to
ANODE or left open.


Similar Part No. - NJM431S

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJM431S NISSHINBO-NJM431S Datasheet
1,014Kb / 12P
ADJUSTABLE PRECISION SHUNT REGULATOR
Ver.1.0
More results

Similar Description - NJM431S

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com