Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL040CIVS/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DL040CIVS/NOPB
Description  210mW A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL040CIVS/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADC12DL040CIVS/NOPB Datasheet HTML 13Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 14Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 15Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 16Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 17Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 18Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 19Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 20Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
ADC12DL040
www.ti.com
SNAS250D – FEBRUARY 2005 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +3.0V, VDR =
+2.5V, PD = 0V, VREF = +1.0V, fCLK = 40 MHz, fIN = 20 MHz, tr = tf = 2 ns, CL = 15 pF/pin, Duty Cycle Stabilizer On, parallel
output mode. Boldface limits apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
SNR,SINAD,SFDR vs. fCLK
Distortion vs. fCLK
Figure 19.
Figure 20.
SNR,SINAD,SFDR vs. Clock Duty Cycle
Distortion vs. Clock Duty Cycle
Figure 21.
Figure 22.
SNR,SINAD,SFDR vs. VREF
Distortion vs. VREF
Figure 23.
Figure 24.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: ADC12DL040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com