Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL040CIVS/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DL040CIVS/NOPB
Description  210mW A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL040CIVS/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  ADC12DL040CIVS/NOPB Datasheet HTML 1Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 2Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 3Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 4Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 5Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
ADC12DL040
www.ti.com
SNAS250D – FEBRUARY 2005 – REVISED APRIL 2013
ADC12DL040 Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
Check for Samples: ADC12DL040
1
FEATURES
DESCRIPTION
The ADC12DL040 is a dual, low power monolithic
23
•
Single +3.0V Supply Operation
CMOS
analog-to-digital
converter
capable
of
•
Internal Sample-and-Hold
converting analog input signals into 12-bit digital
•
Internal Reference
words at 40 Megasamples per second (MSPS). This
converter uses a differential, pipeline architecture with
•
Outputs 2.4V to 3.6V Compatible
digital error correction and an on-chip sample-and-
•
Power Down Mode
hold circuit to minimize power consumption while
•
Duty Cycle Stabilizer
providing excellent dynamic performance and a 250
MHz Full Power Bandwidth. Operating on a single
•
Multiplexed Output Mode
+3.0V power supply, the ADC12DL040 achieves 11.1
effective bits at nyquist and consumes just 210 mW
APPLICATIONS
at 40 MSPS, including the reference current. The
•
Ultrasound and Imaging
Power Down feature reduces power consumption to
36 mW.
•
Instrumentation
•
Communications Receivers
The differential inputs provide a full scale differential
input swing equal to 2 times VREF with the possibility
•
Sonar/Radar
of a single-ended input. Full use of the differential
•
xDSL
input is recommended for optimum performance. The
•
Cable Modems
digital outputs from the two ADC's are available on a
single multiplexed 12-bit bus or on separate buses.
•
DSP Front Ends
Duty cycle stabilization and output data format are
selectable using a quad state function pin. The output
KEY SPECIFICATIONS
data can be set for offset binary or two's complement.
•
Resolution 12 Bits
To ease interfacing to lower voltage systems, the
•
DNL ±0.3 LSB (typ)
digital output driver power pins of the ADC12DL040
•
SNR (fIN = 10 MHz) 69 dB (typ)
can be connected to a separate supply voltage in the
range of 2.4V to the analog supply voltage.
•
SFDR (fIN = 10 MHz) 85 dB (typ)
•
Data Latency 7 Clock Cycles
This device is available in the 64-lead TQFP package
and will operate over the industrial temperature range
•
Power Consumption
of
−40°C to +85°C. An evaluation board is available
–
Operating 210 mW (typ)
to ease the evaluation process.
–
Power Down Mode 36 mW (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
TRI-STATE is a registered trademark of National Semiconductor Corporation.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC12DL040CIVS/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DL040CIVS/NOPB TI2-ADC12DL040CIVS/NOPB Datasheet
962Kb / 38P
ADC12DL040 Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
REVISED APRIL 2013
More results

Similar Description - ADC12DL040CIVS/NOPB

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5865AM NPC-SM5865AM Datasheet
130Kb / 17P
D/A Converter
SM5874AM NPC-SM5874AM Datasheet
175Kb / 18P
D/A Converter
logo
Samsung semiconductor
KDA0316 SAMSUNG-KDA0316 Datasheet
400Kb / 10P
D/A CONVERTER
logo
National Semiconductor ...
ADC12DL040 NSC-ADC12DL040 Datasheet
1Mb / 26P
Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
logo
Texas Instruments
ADC12DL040 TI1-ADC12DL040_13 Datasheet
1Mb / 38P
ADC12DL040 Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
ADC10061 TI1-ADC10061 Datasheet
1Mb / 22P
A/D Converter
logo
Analog Devices
AD9051 AD-AD9051_17 Datasheet
686Kb / 12P
A/D Converter
Rev. C
AD9054A AD-AD9054A_17 Datasheet
362Kb / 21P
A/D Converter
Rev. D
AD9057 AD-AD9057_17 Datasheet
358Kb / 13P
A/D Converter
REV. D
AD9203 AD-AD9203_17 Datasheet
1Mb / 29P
A/D Converter
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com