Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL040CIVS/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DL040CIVS/NOPB
Description  210mW A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL040CIVS/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADC12DL040CIVS/NOPB Datasheet HTML 18Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 19Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 20Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 21Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 22Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 23Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 24Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 25Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
ADC12DL040
SNAS250D – FEBRUARY 2005 – REVISED APRIL 2013
www.ti.com
Single-Ended Operation
Performance with differential input signals is better than with single-ended signals. For this reason, single-ended
operation is not recommended. However, if single ended-operation is required and the resulting performance
degradation is acceptable, one of the analog inputs should be connected to the d.c. mid point voltage of the
driven input. The peak-to-peak differential input signal at the driven input pin should be twice the reference
voltage to maximize SNR and SINAD performance (Figure 35b). For example, set VREF to 0.5V, bias VIN− to 1.0V
and drive VIN+ with a signal range of 0.5V to 1.5V.
Because very large input signal swings can degrade distortion performance, better performance with a single-
ended input can be obtained by reducing the reference voltage when maintaining a full-range output. Table 1 and
Table 2 indicate the input to output relationship of the ADC12DL040.
Table 1. Input to Output Relationship – Differential Input
VIN+
VIN−
Binary Output
2’s Complement Output
VCM − VREF/2
VCM + VREF/2
0000 0000 0000
1000 0000 0000
VCM − VREF/4
VCM + VREF/4
0100 0000 0000
1100 0000 0000
VCM
VCM
1000 0000 0000
0000 0000 0000
VCM + VREF/4
VCM − VREF/4
1100 0000 0000
0100 0000 0000
VCM + VREF/2
VCM − VREF/2
1111 1111 1111
0111 1111 1111
Table 2. Input to Output Relationship – Single-Ended Input
VIN+
VIN−
Binary Output
2’s Complement Output
VCM − VREF
VCM
0000 0000 0000
1000 0000 0000
VCM − VREF/2
VCM
0100 0000 0000
1100 0000 0000
VCM
VCM
1000 0000 0000
0000 0000 0000
VCM + VREF/2
VCM
1100 0000 0000
0100 0000 0000
VCM + VREF
VCM
1111 1111 1111
0111 1111 1111
Driving the Analog Inputs
The VIN+ and the VIN− inputs of the ADC12DL040 consist of an analog switch followed by a switched-capacitor
amplifier. The capacitance seen at the analog input pins changes with the clock level, appearing as 8 pF when
the clock is low, and 7 pF when the clock is high.
As the internal sampling switch opens and closes, current pulses occur at the analog input pins, resulting in
voltage spikes at the signal input pins. As a driving amplifier attempts to counteract these voltage spikes, a
damped oscillation may appear at the ADC analog input. Do not attempt to filter out these pulses. Rather, use
amplifiers to drive the ADC12DL040 input pins that are able to react to these pulses and settle before the switch
opens and another sample is taken. The LMH6702 LMH6628, LMH6622 and the LMH6655 are good amplifiers
for driving the ADC12DL040.
To help isolate the pulses at the ADC input from the amplifier output, use RCs at the inputs, as can be seen in
Figure 37 through Figure 39. These components should be placed close to the ADC inputs because the input
pins of the ADC is the most sensitive part of the system and this is the last opportunity to filter that input.
For Nyquist applications the RC pole should be at the ADC sample rate. The ADC input capacitance in the
sample mode should be considered when setting the RC pole. For wideband undersampling applications, the RC
pole should be set at about 1.5 to 2 times the maximum input frequency to maintain a linear delay response.
A single-ended to differential conversion circuit is shown in Figure 39. Table 3 gives resistor values for that circuit
to provide input signals in a range of 1.0V ±0.5V at each of the differential input pins of the ADC12DL040.
Table 3. Resistor Values for Circuit of Figure 39
SIGNAL RANGE
R1
R2
R3
R4
R5, R6
0 - 0.25V
open
0
Ω
124
Ω
1500
Ω
1000
Ω
0 - 0.5V
0
Ω
open
Ω
499
Ω
1500
Ω
499
Ω
±0.25V
100
Ω
698
Ω
100
Ω
698
Ω
499
Ω
22
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC12DL040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com