Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL040CIVS/NOPB Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DL040CIVS/NOPB
Description  210mW A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL040CIVS/NOPB Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADC12DL040CIVS/NOPB Datasheet HTML 23Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 24Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 25Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 26Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 27Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 28Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 29Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 30Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
-
+
U2B
-
+
U1A
5k, 1%
R1, 1%
R5, 1%
R2, 1%
5k, 1%
2.4k
5k, 1%
5k, 1%
-
+
U1B
-
+
U2A
5k, 1%
R3, 1%
R6, 1%
R4, 1%
5k, 1%
2.4k
5k, 1%
2V
51
51
to
to
39 pF
#
SIGNAL
INPUT
51
*
*
*
*
*
39 pF
#
V
IN+
V
IN-
ADC12DL040
www.ti.com
SNAS250D – FEBRUARY 2005 – REVISED APRIL 2013
Amplifiers: two LMH6622s or LMH6655s
* – The ground connections indicated with an "*" should be connected to a common point in the analog ground plane.
# – The 39 pF capacitors between the two inputs are for Nyquiest applications and should be removed for
undersampling applications.
Figure 39. Differential Drive Circuit of Figure 37
POWER SUPPLY CONSIDERATIONS
The power supply pins should be bypassed with a 10 µF capacitor and with a 0.1 µF ceramic chip capacitor
within a centimeter of each power pin. Leadless chip capacitors are preferred because they have low series
inductance.
As is the case with all high-speed converters, the ADC12DL040 is sensitive to power supply noise. Accordingly,
the noise on the analog supply pin should be kept below 100 mVP-P.
No pin should ever have a voltage on it that is in excess of the supply voltages, not even on a transient basis. Be
especially careful of this during power turn on and turn off.
The VDR pin provides power for the output drivers and may be operated from a supply in the range of 2.4V to VD.
This can simplify interfacing to lower voltage devices and systems. Note, however, that tOD increases with
reduced VDR. DO NOT operate the VDR pin at a voltage higher than VD.
LAYOUT AND GROUNDING
Proper grounding and proper routing of all signals are essential to ensure accurate conversion. Maintaining
separate analog and digital areas of the board, with the ADC12DL040 between these areas, is required to
achieve specified performance.
The ground return for the data outputs (DR GND) carries the ground current for the output drivers. The output
current can exhibit high transients that could add noise to the conversion process. To prevent this from
happening, the DR GND pins should NOT be connected to system ground in close proximity to any of the
ADC12DL040's other ground pins.
Capacitive coupling between the typically noisy digital circuitry and the sensitive analog circuitry can lead to poor
performance. The solution is to keep the analog circuitry separated from the digital circuitry, and to keep the
clock line as short as possible.
Digital circuits create substantial supply and ground current transients. The logic noise thus generated could
have significant impact upon system noise performance. The best logic family to use in systems with A/D
converters is one which employs non-saturating transistor designs, or has low noise characteristics, such as the
74LS, 74HC(T) and 74AC(T)Q families. The worst noise generators are logic families that draw the largest
supply current transients during clock or signal edges, like the 74F and the 74AC(T) families.
The effects of the noise generated from the ADC output switching can be minimized through the use of 100
Ω
resistors in series with each data output line. Locate these resistors as close to the ADC output pins as possible.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: ADC12DL040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com