Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12DL040CIVS/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DL040CIVS/NOPB
Description  210mW A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL040CIVS/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC12DL040CIVS/NOPB Datasheet HTML 4Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 5Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 9Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 10Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 11Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
ADC12DL040
SNAS250D – FEBRUARY 2005 – REVISED APRIL 2013
www.ti.com
Converter Electrical Characteristics (continued)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +3.0V, VDR =
+2.5V, PD = 0V, External VREF = +1.0V, fCLK = 40 MHz, fIN = 10 MHz, tr = tf = 2 ns, CL = 15 pF/pin, Duty Cycle Stabilizer On,
parallel output mode. Boldface limits apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
(1) (2) (3)
Typical
Limits
Units
Symbol
Parameter
Conditions
(4)
(4)
(Limits)
fIN = 1 MHz, VIN = −0.5 dBFS
68.5
dB
SINAD
Signal-to-Noise and Distortion
fIN = 10 MHz, VIN = −0.5 dBFS
68.5
67
dB (min)
fIN = 20 MHz, VIN = −0.5 dBFS
68.5
66.5
dB
fIN = 1 MHz, VIN = −0.5 dBFS
11.1
Bits
ENOB
Effective Number of Bits
fIN = 10 MHz, VIN = −0.5 dBFS
11.1
10.8
Bits (min)
fIN = 20 MHz, VIN = −0.5 dBFS
11.1
10.75
Bits
fIN = 1 MHz, VIN = −0.5 dBFS
−82
dB
THD
Total Harmonic Distortion
fIN = 10 MHz, VIN = −0.5 dBFS
−83
-75
dB (min)
fIN = 20 MHz, VIN = −0.5 dBFS
−83
-75
dB
fIN = 1 MHz, VIN = −0.5 dBFS
−88
dB
H2
Second Harmonic Distortion
fIN = 10 MHz, VIN = −0.5 dBFS
−86
-76
dB (min)
fIN = 20 MHz, VIN = −0.5 dBFS
−86.5
-75
dB
fIN = 1 MHz, VIN = −0.5 dBFS
−86
dB
H3
Third Harmonic Distortion
fIN = 10 MHz, VIN = −0.5 dBFS
−87
-77
dB (min)
fIN = 20 MHz, VIN = −0.5 dBFS
−86.5
-76
dB
fIN = 1 MHz, VIN = −0.5 dBFS
86
dB
SFDR
Spurious Free Dynamic Range
fIN = 10 MHz, VIN = −0.5 dBFS
85
76
dB (min)
fIN = 20 MHz, VIN = −0.5 dBFS
84
75
dB
fIN = 9.6 MHz and 10.2 MHz, each = −6.5
IMD
Intermodulation Distortion
−75
dBFS
dBFS
INTER-CHANNEL CHARACTERISTICS
Channel—Channel Offset Match
±0.3
%FS
Channel—Channel Gain Match
±4
%FS
10 MHz Tested Channel;
90
dB (min)
20 MHz Other Channel
Crosstalk
20 MHz Tested Channel;
90
dB (min)
10 MHz Other Channel
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC12DL040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com