Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30TPS Datasheet(PDF) 3 Page - International Rectifier

Part # 30TPS
Description  PHASE CONTROL SCR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30TPS Datasheet(HTML) 3 Page - International Rectifier

  30TPS Datasheet HTML 1Page - International Rectifier 30TPS Datasheet HTML 2Page - International Rectifier 30TPS Datasheet HTML 3Page - International Rectifier 30TPS Datasheet HTML 4Page - International Rectifier 30TPS Datasheet HTML 5Page - International Rectifier 30TPS Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
30TPS..
SAFEIR Series
Bulletin I2136 04/97
Thermal-Mechanical Specifications
TJ
Max. Junction Temperature Range
- 40 to 125
°C
T
stg
Max. Storage Temperature Range
- 40 to 125
R
thJC
Max. Thermal Resistance Junction
0.8
°C/W
DC operation
to Case
R
thJA
Max. Thermal Resistance Junction
40
to Ambient
R
thCS
Max. Thermal Resistance Case
0.2
Mounting surface, smooth and greased
to Heatsink
wt
Approximate Weight
6 (0.21)
g (oz.)
T
Mounting Torque
Min.
6 (5)
Kg-cm
Max.
12 (10)
(lbf-in)
Case Style
TO-247AC
Jedec (Modified)
Parameters
30TPS..
Units
Conditions
Triggering
P
GM
Max. Peak Gate Power
8.0
W
PG(AV) Max. Average Gate Power
2.0
+ I
GM Max. Peak Positive Gate Current
1.5
A
- VGM Max. Peak Negative Gate Voltage
10
V
IGT
Max. Required DC Gate Current
60
mA
Anode supply = 6V, resistive load, TJ = - 10°C
to Trigger
45
Anode supply = 6V, resistive load, TJ = 25°C
20
Anode supply = 6V, resistive load, T
J = 125°C
VGT
Max. Required DC Gate Voltage
2.5
V
Anode supply = 6V, resistive load, TJ = - 10°C
to Trigger
2.0
Anode supply = 6V, resistive load, T
J = 25°C
1.0
Anode supply = 6V, resistive load, T
J = 125°C
VGD Max. DC Gate Voltage not to Trigger
0.25
TJ = 125°C, VDRM = rated value
IGD
Max. DC Gate Current not to Trigger
2.0
mA
TJ = 125°C, VDRM = rated value
Parameters
30TPS..
Units
Conditions
Switching
Parameters
30TPS..
Units
Conditions
t
gt
Typical Turn-on Time
0.9
µs
T
J = 25°C
t
rr
Typical Reverse Recovery Time
4
T
J = 125°C
t
q
Typical Turn-off Time
110



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com