Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30TPS Datasheet(PDF) 2 Page - International Rectifier

Part # 30TPS
Description  PHASE CONTROL SCR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30TPS Datasheet(HTML) 2 Page - International Rectifier

  30TPS Datasheet HTML 1Page - International Rectifier 30TPS Datasheet HTML 2Page - International Rectifier 30TPS Datasheet HTML 3Page - International Rectifier 30TPS Datasheet HTML 4Page - International Rectifier 30TPS Datasheet HTML 5Page - International Rectifier 30TPS Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
30TPS..
SAFEIR Series
Bulletin I2136 04/97
Voltage Ratings
Part Number
V
RRM
/V
DRM
, max. repetitive
V
RSM
, maximum non repetitive
I
RRM
/I
DRM
peak and off-state voltage
peak reverse voltage
125°C
VV
mA
30TPS08
800
900
10
30TPS12
1200
1300
30TPS16
1600
1700
I
T(AV)
Max. Average On-state Current
20
A
@ T
C
= 95° C, 180° conduction half sine wave
I
RMS
Max. RMS On-state Current
30
I
TSM
Max. Peak One Cycle Non-Repetitive
250
10ms Sine pulse, rated V
RRM applied
Surge Current
300
10ms Sine pulse, no voltage reapplied
I2t
Max. I2t for Fusing
310
A2s
10ms Sine pulse, rated V
RRM
applied
442
10ms Sine pulse, no voltage reapplied
I2
√t Max. I2√tfor Fusing
4420
A2
√s
t = 0.1 to 10ms, no voltage reapplied
V
TM
Max. On-state Voltage Drop
1.3
V
@ 20A, T
J
= 25°C
r
t
On-state Slope Resistance
12
m
T
J
= 125°C
V
T(TO) Threshold Voltage
1.0
V
I
RM
/I
DM
Max.Reverse and Direct
0.5
mA
T
J
= 25 °C
Leakage Current
10
T
J = 125 °C
I
H
Max. Holding Current
100
mA
Anode Supply = 6V, Resistive load, Initial I
T
=1A
I
L
Max. Latching Current
200
mA
Anode Supply = 6V, Resistive load
dv/dt
Max. Rate of Rise of off-state Voltage
500
V/µs
di/dt
Max. Rate of Rise of turned-on Current
150
A/µs
Absolute Maximum Ratings
Parameters
30TPS..
Units
Conditions
V
R
= rated V
RRM
/ V
DRM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com