Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30TPS Datasheet(PDF) 6 Page - International Rectifier

Part # 30TPS
Description  PHASE CONTROL SCR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30TPS Datasheet(HTML) 6 Page - International Rectifier

  30TPS Datasheet HTML 1Page - International Rectifier 30TPS Datasheet HTML 2Page - International Rectifier 30TPS Datasheet HTML 3Page - International Rectifier 30TPS Datasheet HTML 4Page - International Rectifier 30TPS Datasheet HTML 5Page - International Rectifier 30TPS Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
30TPS..
SAFEIR Series
Bulletin I2136 04/97
Outline Table
Dimensions in millimeters and inches
15.90 (0 .626 )
15.30 (0 .602 )
14 .2 0 (0 .55 9 )
14.80 ( 0.583)
3. 70 (0 .145)
4. 30 (0 .170)
5.30 ( 0.208)
5.70 ( 0.22 5)
5.50 ( 0.217)
4. 50 ( 0.17 7)
(2 PLC S.)
3. 55 (0 .139)
3. 65 (0 .144)
2.20 ( 0.08 7)
MAX .
1. 00 (0 .039)
1. 40 (0 .056)
0. 40 (0 .213)
0.80 ( 0.032)
4.70 ( 0.185)
5.30 ( 0.20 9)
1.5 ( 0 .0 59 )
2.5 ( 0.098)
2. 40 (0 .095)
MAX.
10 .86 ( 0.427)
10. 94 ( 0.430)
20 .30 ( 0.800)
19 .70 ( 0.775)
DIA.
12
3
Ordering Information Table
30
T
P
S
16
Device Code
1
5
24
3
1
-
Current Rating
2
-
Circuit Configuration:
T = Thyristor
3
-
Package:
T = TO-247
4
-
Type of Silicon:
S = Standard Recovery Rectifier
5
-
Voltage code: Code x 100 = V
RRM
(G) 3
2
(A)
1 (K)
08 = 800V
12 = 1200V
16 = 1600V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com