Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30TPS Datasheet(PDF) 5 Page - International Rectifier

Part # 30TPS
Description  PHASE CONTROL SCR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30TPS Datasheet(HTML) 5 Page - International Rectifier

  30TPS Datasheet HTML 1Page - International Rectifier 30TPS Datasheet HTML 2Page - International Rectifier 30TPS Datasheet HTML 3Page - International Rectifier 30TPS Datasheet HTML 4Page - International Rectifier 30TPS Datasheet HTML 5Page - International Rectifier 30TPS Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
30TPS..
SAFEIR Series
Bulletin I2136 04/97
Fig. 7 - On-state Voltage Drop Characteristics
Fig. 9 - GateCharacteristics
Fig. 8 - Thermal Impedance Z
thJC
Characteristics
1
10
100
1000
012
345
67
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 125°C
J
30TPS.. Series
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
Square Wave Pulse Duration (s)
Steady State Value
(DC Operation)
Single Pulse
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
30TPS.. Series
0.1
1
10
100
0.001
0.01
0.1
1
10
100
(b)
(a)
(4)
(3)
(2)
(1)
Instantaneous Gate Current (A)
Frequency Limited by PG(AV)
IGD
VGD
30TPS.. Series
tr = 1 µs, tp >= 6 µs
<= 30% rated di/dt: 10 V, 65 ohms
b)Recommended load line for
rated di/dt: 10 V, 20 ohms
tr = 0.5 µs, tp >= 6 µs
a)Recommended load line for
Rectangular gate pulse
(1) PGM = 40 W, tp = 1 ms
(2) PGM = 20 W, tp = 2 ms
(3) PGM = 8 W, tp = 5 ms
(4) PGM = 4 W, tp = 10 ms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com