Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30TPS Datasheet(PDF) 1 Page - International Rectifier

Part # 30TPS
Description  PHASE CONTROL SCR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30TPS Datasheet(HTML) 1 Page - International Rectifier

  30TPS Datasheet HTML 1Page - International Rectifier 30TPS Datasheet HTML 2Page - International Rectifier 30TPS Datasheet HTML 3Page - International Rectifier 30TPS Datasheet HTML 4Page - International Rectifier 30TPS Datasheet HTML 5Page - International Rectifier 30TPS Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHASE CONTROL SCR
1
Bulletin I2136 04/97
SAFEIR Series
30TPS..
V
T
< 1.3V @ 20A
I
TSM
= 300A
V
RRM 800 to 1600V
Major Ratings and Characteristics
I
T(AV)
Sinusoidal
20
A
waveform
I
RMS
30
A
V
RRM/
V
DRM
up to 1600
V
I
TSM
300
A
V
T
@ 20 A, T
J
= 25°C
1.3
V
dv/dt
500
V/µs
di/dt
150
A/µs
T
J
- 40 to 125
°C
Characteristics
30TPS..
Units
TO-247AC
Description/Features
The 30TPS..
SAFEIR series of silicon controlled
rectifiers are specifically designed for medium
power switching and phase control applications.
The glass passivation technology used has reli-
able operation up to 125°C junction temperature.
Typical applications are in input rectification (soft
start) and these products are designed to be used
with International Rectifier input diodes, switches
and output rectifiers which are available in identi-
cal package outlines.
Package Outline


Similar Part No. - 30TPS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30TPS VISHAY-30TPS Datasheet
145Kb / 7P
Phase Control SCR, 20 A
12-Aug-08
30TPS08 VISHAY-30TPS08 Datasheet
145Kb / 7P
Phase Control SCR, 20 A
12-Aug-08
30TPS08 VISHAY-30TPS08 Datasheet
179Kb / 8P
Phase Control SCR, 20 A
06-Jun-08
30TPS08PBF VISHAY-30TPS08PBF Datasheet
179Kb / 8P
Phase Control SCR, 20 A
06-Jun-08
logo
Inchange Semiconductor ...
30TPS08PBF ISC-30TPS08PBF Datasheet
322Kb / 2P
isc Thyristors
More results

Similar Description - 30TPS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16S IRF-16S Datasheet
251Kb / 6P
PHASE CONTROL SCR
12TTS08 IRF-12TTS08 Datasheet
83Kb / 7P
PHASE CONTROL SCR
70TPS12 IRF-70TPS12 Datasheet
135Kb / 7P
PHASE CONTROL SCR
40TPS16 IRF-40TPS16 Datasheet
171Kb / 7P
PHASE CONTROL SCR
8TWS IRF-8TWS Datasheet
91Kb / 6P
PHASE CONTROL SCR
25TTS12PBF IRF-25TTS12PBF Datasheet
181Kb / 7P
PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T700163504BY POWEREX-T700163504BY Datasheet
731Kb / 4P
Phase Control SCR
T9G01000A POWEREX-T9G01000A_13 Datasheet
508Kb / 4P
Phase Control SCR
T620 POWEREX-T620_13 Datasheet
752Kb / 4P
Phase Control SCR
T720 POWEREX-T720_13 Datasheet
736Kb / 4P
Phase Control SCR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com