Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28550DRZT-R1 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28550DRZT-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28550DRZT-R1 Datasheet(HTML) 20 Page - Texas Instruments

Back Button BQ28550DRZT-R1 Datasheet HTML 16Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 17Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 18Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 19Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 20Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 21Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 22Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 23Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Exit From SLEEP
Pack Configuration [SLEEP ] =0
OR
| AverageCurrent( ) | > Sleep Current
OR
Current is Detected above IWAKE
Fuel gauging and data
updated every 1 s
NORMAL
Fuel gauging and data
updated every 20 seconds
SLEEP
Disable all gas gauge
subcircuits except GPIO
HIBERNATE
Wakeup From HIBERNATE
Communication Activity
AND
Comm address is NOT for the gas gauge
Exit From HIBERNATE
VBAT < POR threshold
POR
Exit From WAIT_ HIBERNATE
Cell relaxed
AND
| AverageCurrent () | < Hibernate
Current
OR
Cell relaxed
AND
V
BAT < Hibernate Voltage
System HIBERNATION
Exit From HIBERNATE
Communication Activity
OR
the gas gauge clears Control Status
[ HIBERNATE ] = 0
Recommend Host also set Control
Status [ HIBERNATE] = 0
WAIT_HIBERNATE
Fuel gauging and data
updated every 20 s
In low-power state of SLEEP
.
mode Gas gauging and data
are updated every 20 s.
FULLSLEEP
System SLEEP
FULLSLEEP Count Down
WAITFULLSLEEP
Entry to FULLSLEEP
Host must set Control Status
[FULLSLEEP] = 1
Exit From FULLSLEEP
Any Communication Cmd
Exit From WAITFULLSLEEP
Any Communication Cmd
Entry to WAITFULLSLEEP
Full Sleep Wait Time > 0
Entry to FULLSLEEP
Count < 1
Exit From SLEEP
(Host has set Control Status
[HIBERNATE ] = 1
OR
<
Hibernate Voltage
_
Exit From WAIT HIBERNATE
Host must set Control Status
[ HIBERNATE ] = 0
AND
>
Hibernate Voltage
Entry to SLEEP
Pack Configuration[ SLEEP] = 1
AND
| AverageCurrent( ) | =Sleep Current
Fuel Gauge is OFF
V
= 0 V
SHUTDOWN
Entry to SHUTDOWN
No Charger Present
System SHUTDOWN
PRE-SHUTDOWN
Fuel Gauging stopped
Discharge FET opened
IBAT = Hibernate
Entry to PRE-SHUTDOWN
[ SHUTDOWN ] = 1
Exit from PRE-SHUTDOWN
Communication Activity
OR
Current Detected >
IWAKE
Exit from SHUTDOWN
Charger Detected
AND
Protection FETs closed
V
BAT
BAT
V
BAT
Not Recommended for New Designs
bq28550-R1
SLUSAS4A – OCTOBER 2012 – REVISED SEPTEMBER 2014
www.ti.com
7.6.4.1.2
Key Programming (The Secure Memory Key)
As the name suggests, the bq28550-R1 secure-memory authentication key is stored in the secure memory of the
bq28550-R1
device.
If
a
secure-memory
key
has
been
established
and
the
Data
Flash
Key
is
0x00000000000000000000000000000000, only this key can be used for authentication challenges (the
programmable data flash key is not available). The selected key can only be established/programmed by special
arrangements with TI, using TI’s Secure B-to-B Protocol. The secure-memory key can never be changed or read
from the bq28550-R1 device.
7.6.5 Device Functional Modes
The bq28550-R1 device has four power modes: NORMAL, SLEEP, HIBERNATE, and SHUTDOWN. In NORMAL
mode, the bq28550-R1 device is fully powered and can execute any allowable task. In SLEEP mode, the gas
gauge exists in a reduced-power state, periodically taking measurements and performing calculations. In
HIBERNATE mode, the gas gauge is in a low power state, but can be awakened by communication or certain I/O
activity. The device enters SHUTDOWN mode if there is a UVP condition detected or power down of the system.
The relationship between these modes is shown in Figure 3. Details are described in the sections that follow.
Figure 3. Power Mode Diagram
7.6.5.1 NORMAL Mode
The gas gauge is in NORMAL mode when not in any other power mode. During this mode, AverageCurrent(),
Voltage(), and Temperature() measurements are taken, and the interface data set is updated. Decisions to
change states are also made. This mode is exited by activating a different power mode.
Because the gauge consumes the most power in NORMAL mode, the algorithm minimizes the time the gas
gauge remains in this mode.
20
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: bq28550-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com