Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28550DRZT-R1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28550DRZT-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28550DRZT-R1 Datasheet(HTML) 4 Page - Texas Instruments

  BQ28550DRZT-R1 Datasheet HTML 1Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 2Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 3Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 4Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 5Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 6Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 7Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 8Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Not Recommended for New Designs
bq28550-R1
SLUSAS4A – OCTOBER 2012 – REVISED SEPTEMBER 2014
www.ti.com
6 Specifications
6.1
Absolute Maximum Ratings
All voltages are referenced to the VSS pin. Over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
MIN
TYP
MAX
UNIT
VBAT
Regulator input voltage, BAT (Pin 4)
–0.3
12
V
VVM
VM terminal voltage (Pin 3)
VBAT – 32
VBAT + 0.3
V
VCOUT
COUT terminal input voltage (Pin 2)
VBAT – 32
VBAT + 0.3
V
VDOUT
DOUT terminal input voltage (Pin 1)
VSS – 0.3
VBAT + 0.3
V
VIOD
All other pins (Pins 5, 7, 8, and 9)
–0.3
6
V
VSDATA
SDA (Pin 10)
VSS – 0.3
VBAT + 0.3
V
VSCLK
SCL (Pin 11)
VSS – 0.3
VBAT + 0.3
V
VGPIO
GPIO (Pin 12)
–0.3
6
V
ESD
Human body model
±2
kV
ESD
Machine model
±200
V
TA
Operating free-air temperature range
–40°C
85
°C
Tstg
Storage temperature range
–65°C
150
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
6.2 Handling Ratings
MIN
MAX
UNIT
TSTG
Storage temperature range
–65
150
°C
HBM(1)
–2
2
kV
V(ESD) Rating
CDM(2)
–500
500
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
TA = 25ºC, VBAT = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBAT
BAT
2.45
3.6
5.5
V
Gas gauge in NORMAL mode. ILOAD > Sleep
Normal operating mode
141
Current
Gas gauge in SLEEP mode. ILOAD < Sleep
Low-power (SLEEP)
70
Current
ICC
Gas gauge in FULLSLEEP mode. ILOAD < Sleep
µA
Sleep (FULL SLEEP)
31
Current
Gas gauge in HIBERNATE mode. ILOAD <
Hibernate
16
Hibernate Current
Shutdown
Gas gauge in SHUTDOWN mode
1
ISS
Maximum current
20
mA
Regulator output
CREG
0.1
µF
capacitor
VBAT input filter
CBAT
0.1
µF
capacitor
Resistor from VM to
RPACKN
510
Ω
PACKN
SCL, SDA or GPIO pull
RPU_
3.3
k
Ω
up resistor
SCL, SDA or GPIO pull
VPU_
1.8
4.2
V
up voltage
4
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: bq28550-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com