Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28550DRZT-R1 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28550DRZT-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28550DRZT-R1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button BQ28550DRZT-R1 Datasheet HTML 10Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 11Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 12Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 13Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 14Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 15Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 16Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 17Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
V
DET1
VREL1
tOCD
VDET2
BAT
VSS
BAT
PACK–
BAT
VDET3
Normal
Discharge
Overcurrent
Normal
Normal
tSHORT
tOCR
tOCR
Load
Connected
VSHORT
Load Short
Circuit
Load
Disconnected
Discharge
Overcurrent
VSS
VSS
Not Recommended for New Designs
bq28550-R1
SLUSAS4A – OCTOBER 2012 – REVISED SEPTEMBER 2014
www.ti.com
Protection (continued)
In both the discharge overcurrent and short-circuit states, an internal discharge overcurrent release resistor (20
k
Ω typ) is turned on (switched in between VM and VSS), allowing the VM pin to be pulled down to the VSS
potential if the load is released. If the VM – VSS voltage becomes lower than the discharge overcurrent detection
voltage (VDET3 = 0.150 V typ) for a period up to the discharge overcurrent release delay time (tREL3 = 4 ms typ),
the discharge overcurrent release resistor is turned off and the DOUT pin transitions to a high level, enabling
discharge of the battery by turning on the external discharge control N-channel MOSFET.
14
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: bq28550-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com