Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28550DRZT-R1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28550DRZT-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28550DRZT-R1 Datasheet(HTML) 5 Page - Texas Instruments

  BQ28550DRZT-R1 Datasheet HTML 1Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 2Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 3Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 4Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 5Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 6Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 7Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 8Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Not Recommended for New Designs
bq28550-R1
www.ti.com
SLUSAS4A – OCTOBER 2012 – REVISED SEPTEMBER 2014
Recommended Operating Conditions (continued)
TA = 25ºC, VBAT = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GPIO, SDA and SCL
VIL_
–0.3
0.6
V
Input voltage low
GPIO, SDA and SCL
VIH_
1.2
6
V
Input voltage high
GPIO, SDA output
VOL_
IOH = 3 mA (open drain)
0
0.4
V
voltage low
Capacitance for each
CI
SDA and SCL input capacitance
10
pF
I/O pin
Power Up
tPUCD
250
ms
Communication Delay
Input voltage range
VAI2
VSS – 0.25
0.25
V
(SRP, SRN)
6.4 Thermal Information
bq28550-R1
THERMAL METRIC(1)
SON
UNIT
12 PINS
RθJA
Junction-to-ambient thermal resistance(2)
186.4
RθJC(top)
Junction-to-case(top) thermal resistance (3)
90.4
RθJB
Junction-to-board thermal resistance (4)
110.7
°C/W
ψJT
Junction-to-top characterization parameter (5)
96.7
ψJB
Junction-to-board characterization parameter (6)
90
RθJC(bottom)
Junction-to-case(bottom) thermal resistance (7)
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining RθJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining RθJA, using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Spacer
6.5 Electrical Characteristics: Battery Protection
TA = –40 to +85ºC, VBAT =1.5 V to 5.5 V; Typical values stated, where TA = 25ºC and VBAT =3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Minimum operating
VST
VST = VBAT – VM
1.2
V
voltage for 0 V charging
Overcurrent release
RSHORT
VBAT = 4.0 V, VM = 1 V
30
50
100
k
Ω
resistance
DS pin pull-down
RDS
VBAT = 4.0 V
6.5
13.0
26.0
k
Ω
resistance
COUT Low Level Output
VOL1
voltage (referenced to
IOL = 30 µA, VBAT = 4.5 V
0.4
0.5
V
VM)
COUT High Level Output
VOH1
voltage (referenced to
IOH = 30 µA, VBAT = 4.0 V
3.4
3.7
V
VM)
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: bq28550-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com