Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28550DRZT-R1 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28550DRZT-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28550DRZT-R1 Datasheet(HTML) 22 Page - Texas Instruments

Back Button BQ28550DRZT-R1 Datasheet HTML 18Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 19Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 20Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 21Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 22Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 23Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 24Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 25Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Not Recommended for New Designs
bq28550-R1
SLUSAS4A – OCTOBER 2012 – REVISED SEPTEMBER 2014
www.ti.com
mode until it has taken a valid OCV measurement and the magnitude of the average cell current has fallen
below Hibernate Current.
•
HIBERNATE due to the cell voltage—When the cell voltage drops below the Hibernate Voltage and a valid
OCV measurement has been taken, the gas gauge enters HIBERNATE mode. The [HIBERNATE] bit of the
CONTROL register has no impact for the gas gauge to enter the HIBERNATE mode. If the [SHUTDOWN] bit
of CONTROL _STATUS is also set.
The gauge will remain in HIBERNATE mode until communication activity appears on the communication lines.
Upon exiting HIBERNATE mode, the [HIBERNATE] bit of CONTROL_STATUS is cleared.
Because the gas gauge is dormant in HIBERNATE mode, the battery should not be charged or discharged in this
mode, because any changes in battery charge status will not be measured. If necessary, the host equipment can
draw a small current (generally infrequent and less than 1 mA, for purposes of low-level monitoring and
updating); however, the corresponding charge drawn from the battery will not be logged by the gauge. Once the
gauge exits to NORMAL mode, the algorithm re-establishes the correct battery capacity.
If a charger is attached, the host should immediately take the gas gauge out of HIBERNATE mode before
beginning to charge the battery.
CAUTION
Charging the battery in HIBERNATE mode results in a notable gauging error that will
take several hours to correct.
7.6.5.5 SHUTDOWN Mode
The device enters SHUTDOWN mode if there is a UVP condition detected or if there is a power down of the
system, and alternatively by setting the SHUTRQ bit to 1, if appropriate conditions are met. The device can also
disable SHUTDOWN by using the CLEAR_SHUTDOWN (0x0014) option.
NOTE
•
A SHUTDOWN command should NOT be invoked if charger voltage is present.
•
Sending a SHUTDOWN command while charger voltage is present causes a 1–2 s
time of DSG FET off, and may or may not cause a watchdog reset. (If current is
≤ 0
after the DSG FET is opened, it will attempt to shutdown and start a watchdog;
otherwise, it will only clear the shutdown flag without a reset).
Figure 4 shows an overview of the hardware controlled SHUTDOWN operation.
22
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: bq28550-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com