Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9860 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9860
Description  Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9860 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9860 Datasheet HTML 6Page - Analog Devices AD9860 Datasheet HTML 7Page - Analog Devices AD9860 Datasheet HTML 8Page - Analog Devices AD9860 Datasheet HTML 9Page - Analog Devices AD9860 Datasheet HTML 10Page - Analog Devices AD9860 Datasheet HTML 11Page - Analog Devices AD9860 Datasheet HTML 12Page - Analog Devices AD9860 Datasheet HTML 13Page - Analog Devices AD9860 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
REV. 0
–10–
AD9860/AD9862
FFT OUTPUT – MHz
5
20
–20
–40
–60
–80
10
15
25
30
0
–100
–120
0
TPC 10. ADC Dual Tone FFT with
Buffer Tones at 4.5 MHz and 5.5 MHz
fIN – MHz
0
200
50
60
58
56
54
50
62
11.0
8.0
8.5
10.0
10.5
9.5
9.0
150
250
100
64
66
68
BUFFERED 1V
INPUT, 2
GAIN
BUFFERED
2V INPUT,
1
GAIN
BUFFERED BYPASS
1V INPUT, 2
GAIN
BUFFERED BYPASS
2V INPUT, 1
GAIN
52
300
TPC 13. AD9862 Rx SINAD
vs. fIN at 64 MSPS
fIN – MHz
0
200
50
60
58
56
54
52
50
48
62
46
44
10.0
7.0
7.5
9.0
9.5
8.5
8.0
150
250
100
BUFFERED BYPASS
1V INPUT, 2
GAIN
BUFFERED 1V
INPUT, 2
GAIN
BUFFERED BYPASS
2V INPUT, 1
GAIN
BUFFERED 2V
INPUT, 1
GAIN
300
TPC 16. AD9860 Rx SINAD
vs. fIN at 64 MSPS
FFT OUTPUT – MHz
5
20
–20
–40
–60
–80
10
15
25
30
0
–100
–120
0
TPC 11. ADC Dual Tone FFT without
Buffer Tones at 4.5 MHz and 5.5 MHz
fIN – MHz
0
200
50
60
58
56
54
52
50
62
150
250
100
64
66
68
70
300
LOW POWER MODE 1, BUFFER BYPASSED,
2V p-p INPUT, 1
RxPGA GAIN
BUFFER BYPASSED, 2V p-p,
1
RxPGA GAIN
LOW POWER MODE 1, BUFFER
ENABLED, 1V p-p INPUT,
2
RxPGA GAIN
BUFFER ENABLED,
1V p-p INPUT,
2
RxPGA GAIN
TPC 14. AD9862 Rx SINAD
vs. fIN at 32 MSPS
fIN – MHz
0
200
50
52
50
48
46
44
54
150
250
100
56
58
60
62
300
LOW POWER MODE 1, BUFFER BYPASSED,
2V p-p INPUT, 1
RxPGA GAIN
BUFFER BYPASSED, 2V p-p,
1
RxPGA GAIN
LOW POWER
MODE 1,
BUFFER ENABLED,
1V p-p INPUT,
2
RxPGA GAIN
BUFFER ENABLED,
1V p-p INPUT,
2
RxPGA GAIN
TPC 17. AD9860 Rx SINAD
vs. fIN at 32 MSPS
FFT OUTPUT – MHz
5
20
–20
–40
–60
–80
10
15
25
30
0
–100
–120
0
TPC 12. ADC Dual Tone FFT
(undersampling) without Buffer
Tones at 69.5 MHz and 70.5 MHz
fIN – MHz
0
200
50
60
58
56
54
52
50
62
150
250
100
64
66
68
70
300
LOW POWER MODE 2, BUFFER BYPASSED,
2V p-p INPUT, 1
RxPGA GAIN
BUFFER BYPASSED, 2V p-p,
1
RxPGA GAIN
LOW POWER MODE 2, BUFFER
ENABLED, 1V p-p INPUT,
2
RxPGA GAIN
BUFFER ENABLED,
1V p-p INPUT,
2
RxPGA GAIN
TPC 15. AD9862 Rx SINAD
vs. fIN at 16 MSPS
fIN – MHz
0
200
50
52
50
48
46
44
54
150
250
100
56
58
60
62
300
LOW POWER MODE 2, BUFFER BYPASSED,
2V p-p INPUT, 1
RxPGA GAIN
BUFFER BYPASSED, 2V p-p,
1
RxPGA GAIN
LOW POWER
MODE 2,
BUFFER ENABLED,
1V p-p INPUT,
2
RxPGA GAIN
BUFFER ENABLED,
1V p-p INPUT,
2
RxPGA GAIN
TPC 18. AD9860 Rx SINAD
vs. fIN at 16 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com