Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9860 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9860
Description  Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9860 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9860 Datasheet HTML 14Page - Analog Devices AD9860 Datasheet HTML 15Page - Analog Devices AD9860 Datasheet HTML 16Page - Analog Devices AD9860 Datasheet HTML 17Page - Analog Devices AD9860 Datasheet HTML 18Page - Analog Devices AD9860 Datasheet HTML 19Page - Analog Devices AD9860 Datasheet HTML 20Page - Analog Devices AD9860 Datasheet HTML 21Page - Analog Devices AD9860 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
REV. 0
–18–
AD9860/AD9862
Read Operation
The read back of registers is a single data byte operation. The
readback can be configured to use three pins or four pins and can
be formatted as MSB first or LSB first. The instruction header
is written to the device either MSB or LSB first (depending on
the mode) followed by the 8-bit output data (appropriately MSB
or LSB justified). By default, the output data is sent to the dedicated
output pin (SDO). 3-wire operation can be configured by set-
ting the SDIO BiDir register. In 3-wire mode, the SDIO pin
will become an output pin after receiving the 8-bit instruction
header with a read back request.
Figure 2a shows an MSB first, 4-pin SPI read; Figure 2b shows an
MSB first, 3-pin read; and Figure 2c shows an LSB first, 4-pin read.
SYSTEM BLOCK DESCRIPTION
The AD9860/AD9862 integrates transmit and receive paths with
digital signal processing blocks and auxiliary features. The auxiliary
SDIO
SEN
SCLK
tS
tDS
tDH
tLO
tHI
tCLK
tH
INSTRUCTION HEADER (REGISTER N)
SDO
SDIO
SEN
SCLK
SDIO
SEN
SCLK
SDO
tDV
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
R/nW
2/n1
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
OUTPUT REGISTER DATA
tS
tDS
tDH
tLO
tHI
tCLK
tDV
tH
DON’T CARE
DON’T CARE
R/nW
2/n1
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
DON’T CARE
DON’T CARE
OUTPUT REGISTER DATA
INSTRUCTION HEADER
tS
tDS
tDH
tLO
tHI
tCLK
tDV
tH
DON’T CARE
R/nW
2/n1
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
A0
A1
A2
A3
A4
A5
D0
D1
D2
D3
D4
D5
D6
D7
OUTPUT REGISTER DATA
INSTRUCTION HEADER
Figure 2. SPI Read Examples a. (top) 4-Wire Interface, MSB first; b. (middle) 3-Wire Interface, MSB first;
c. (bottom) 4-Wire Interface, LSB first
features include two auxiliary ADCs, a programmable sigma-delta
output, three auxiliary DACs, integrated clock circuitry to generate
all internal clocks, and buffered output clocks from a single input
reference.
The AD9860/AD9862 system functionality is described in the
following four sections: the Transmit Block, Receive Block, Timing
Generation Block, and the Auxiliary Function Block. The following
sections provide a brief description of the blocks and applications
for the four sections.
TRANSMIT SECTION COMPONENTS
The transmit block (Tx) accepts and can process real or complex
data. The Tx interface is configurable for a variety of data formats
and has special processing options such as interpolation and Hilbert
filters. A detailed block diagram of the AD9860/AD9862 transmit
path is shown in Figure 3. The transmit block diagram is broken
into these stages: DAC (Block A), Coarse Modulation (Block B),



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com