Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9860 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9860
Description  Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9860 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9860 Datasheet HTML 22Page - Analog Devices AD9860 Datasheet HTML 23Page - Analog Devices AD9860 Datasheet HTML 24Page - Analog Devices AD9860 Datasheet HTML 25Page - Analog Devices AD9860 Datasheet HTML 26Page - Analog Devices AD9860 Datasheet HTML 27Page - Analog Devices AD9860 Datasheet HTML 28Page - Analog Devices AD9860 Datasheet HTML 29Page - Analog Devices AD9860 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
REV. 0
–26–
AD9860/AD9862
For the Normal Operation mode, the Tx timing is based on
a clock derived from the DLL output, while the Rx clock is
unaffected by the DLL setting.
The Alternative Operation mode, timing utilizes the output of
the DLL to generate both Rx and Tx clocks. It also sets default
operation of the DLL to 4
mode.
Normal Operation is typically recommended because the Rx ADC
is more sensitive to the jitter and noise that the DLL may gener-
ate, so its performance may degrade. The Mode/TxBlank pin
logic level at power up or RESET defines in which mode the
device powers up. If Mode/TxBlank is low at power up, the
Normal Operation mode is configured. Otherwise, the Alternative
Operation mode is configured.
Rx Path (Normal Operation)
The ADC sampling rate, the Rx data output rate, and the rate of
CLKOUT1 (clock used to latch output data) are the parameters
of interest for the receive path data. These parameters in addition
to the data bandwidth are related to CLKIN by decimation filters,
divide by two circuits, data multiplexer logic and retiming latches.
The Rx path timing can be broken into two separate relation-
ships: the ADC sample rate relative to the input clock, CLKIN
and the output data rate relative to CLKOUT1.
The ADCs sample rate relative to CLKIN is controlled by the
ADC Div2 register and the sample rate can be equal to or one half
of the input clock rate.
The output data relative to CLKOUT1 has many configurations
providing a flexible interface. The different options are shown in
Figure 8. Table Ia and Ib describe the setup required to obtain
the desired data timing. RxSync is available when the Rx data is
decimated and multiplexed to identify which channel data is
present at the output bus.
00: C = B
01: C = 2
B
10: C = 4
B
00: D = C
01: D = C/2
10: D = C/4
00: G = F
01: G = 2
F
10: G = 4
F
ADC SAMPLE RATE
(NOT TO EXCEED 64MHz)
DLL OUTPUT RATE
(NOT TO EXCEED 128MHz)
CLKOUT2
INPUT
Tx DATA RATE
TxDAC UPDATE RATE
EACH CHANNEL
(CANNOT EXCEED
DLL OUTPUT RATE)
B
EG
DLL MULT
CLKOUT2 DIV
INTERP
0: E = D
1: E = 2
D
C
2 EDGES
F = E/2
D
DUAL CHANNEL
FACTOR
INPUT Tx DATA RATE
EACH CHANNEL
0: B = A
1: B = A/2
CLKIN
A
ADC DIV2
F
Figure 11. Dual Tx Timing Block Diagram, Alternative Operation
Tx DATA TIMING No. 1
fTx = CLKOUT2
Tx DATA TIMING No. 2
fTx = 2 CLKOUT2
f
T
1
f
T
3
f
T
2
f
T
4
f
CLKOUT2
Figure 12. Tx Timing Diagram
The Rx data (unless re-timed using the Rx Retime register) is
timed relative to the CLKOUT1 pin output. The Rx output data
can be decimated (halving the data rate) or both channels can be
multiplexed onto the channel A data bus (doubling the data rate).
Decimation enables oversampling while maintaining a slower
external data transfer rate and provides superior suppression of
out of band signals and noise. Multiplexing enables fewer digital
output bits to be used to transfer data from the Rx path to the
digital ASIC collecting the data.
When Mux Mode is enabled with an output data rate equal to
CLKOUT1 (Timing No. 3 in Figure 9) then the RxSync pin is
required to identify which channel’s output data is on the output
data bus. RxSync output is aligned with the output data, and by
default a logic low indicates data from Rx Channel B is currently
on the output data bus. If RxSync is logic high, then data from
Rx Channel A is currently on the output data bus. The Inv RxSync
register can be used to switch this notation.
The CLKOUT1 pin outputs a clock at the frequency of CLKIN or
CLKIN/2 depending on the voltage level applied to the CLKSEL
pin. If a logic low is applied to CLKSEL, CLKOUT1 will run
at half the CLKIN rate, if CLKSEL is set to logic high CLKOUT1
outputs a clock equal to CLKIN.
This timing flexibility along with the invert option for CLKOUT1,
controlled by the Inv 1 register allow for various methods of latch-
ing data from the Rx path to the digital ASIC, which will process
the data. These options are shown in Table Ia and Ib along with
a timing diagram in Figure 9. Not shown is the option to invert
CLKOUT1, controlled by the Inv 1 register. For this mode, relative
timing remains the same except the opposite edges of CLKOUT1
would be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com