Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9860 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9860
Description  Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9860 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9860 Datasheet HTML 21Page - Analog Devices AD9860 Datasheet HTML 22Page - Analog Devices AD9860 Datasheet HTML 23Page - Analog Devices AD9860 Datasheet HTML 24Page - Analog Devices AD9860 Datasheet HTML 25Page - Analog Devices AD9860 Datasheet HTML 26Page - Analog Devices AD9860 Datasheet HTML 27Page - Analog Devices AD9860 Datasheet HTML 28Page - Analog Devices AD9860 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
REV. 0
AD9860/AD9862
–25–
t
R
1
t
R
3
t
R
2
t
R
1
f
CLKOUT1
Rx DATA TIMING No. 1
fRx = CLKOUT 4
Rx DATA TIMING No. 2
fRx = CLKOUT 2
Rx DATA TIMING No. 3
fRx = CLKOUT
Rx DATA TIMING No. 4
fRx = 2 CLKOUT
Figure 9. Rx Timing Diagram
0: B = A
1: B = A/2
00: C = B
01: C = B/2
10: C = B/4
00: E = D
01: E = 2
D
10: E = 4
D
ADC SAMPLE RATE
(NOT TO EXCEED 64MHz)
DLL OUTPUT RATE
(NOT TO EXCEED 128MHz)
CLKOUT2
INPUT Tx DATA RATE
(SINGLE CHANNEL)
TxDAC UPDATE RATE
SINGLE CHANNEL
(CANNOT EXCEED
DLL OUTPUT RATE)
CLKIN
AB
D
E
ADC DIV2
DLL MULT
INTERP
00: D = C
01: D = C/2
10: D = C/4
C
CLKOUT2 DIV
Figure 10. Single Tx Timing Block Diagram, Alternative Operation
Table I. Rx Data Timing Table
Table Ia. CLKSEL Set Logic Low
ADC
See Figure 8 for
CLKSEL
Div 2
Decimate
Multiplex
Relative Timing
Timing No. 4
No Mux
Rx Data = 2
CLKOUT1
CLKOUT1 = 1⁄2
CLKIN
Mux
Not Allowed
Timing No. 3
No Mux
Rx Data = 2
CLKOUT1
CLKOUT1 = 1⁄2
CLKIN
Timing No. 4
Mux
Rx Data(MUXED) = 2
CLKOUT1
CLKOUT1 = 1⁄2
CLKIN
Timing No. 3
No Mux
Rx Data = CLKOUT1
CLKOUT1 = 1⁄2
CLKIN
Timing No. 4
Mux
Rx Data(MUXED) = 2
CLKOUT1
CLOUT1 = 1⁄2
CLKIN
Timing No. 2
No Mux
Rx Data = 1⁄2
CLKOUT1
CLOUT1 = 1⁄2
CLKIN
Timing No. 3
Mux
Rx Data(MUXED) = CLKOUT1
CLKOUT1 = 1⁄2
CLKIN
Low
Div
No
Div
No
Decimation
No
Decimation
Decimation
Decimation
Table Ib. CLKSEL Set Logic High
ADC
See Figure 8 for
CLKSEL
Div 2
Decimate
Multiplex
Relative Timing
Timing No. 3
No Mux
Rx Data = CLKOUT1
CLKOUT1 = CLKIN
Timing No. 4
Mux
Rx Data(MUXED) = 2
CLKOUT1
CLKOUT1 = CLKIN
Timing No. 2
No Mux
Rx Data = 1⁄2
CLKOUT1
CLKOUT1 = CLKIN
Timing No. 3
Mux
Rx Data(MUXED) = CLKOUT1
CLKOUT1 = CLKIN
Timing No. 2
No Mux
Rx Data = 1⁄2
CLKOUT1
CLKOUT1 = CLKIN
Timing No. 3
Mux
Rx Data(MUXED) = CLKOUT1
CLOUT1 = CLKIN
Timing No. 1
No Mux
Rx Data = 1⁄4
CLKOUT1
CLOUT1 = CLKIN
Timing No. 2
Mux
Rx Data(MUXED) = 1⁄2
CLKOUT1
CLKOUT1 = CLKIN
High
Div
No
Div
No
Decimation
No
Decimation
Decimation
Decimation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com