Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9860 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9860
Description  Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9860 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9860 Datasheet HTML 18Page - Analog Devices AD9860 Datasheet HTML 19Page - Analog Devices AD9860 Datasheet HTML 20Page - Analog Devices AD9860 Datasheet HTML 21Page - Analog Devices AD9860 Datasheet HTML 22Page - Analog Devices AD9860 Datasheet HTML 23Page - Analog Devices AD9860 Datasheet HTML 24Page - Analog Devices AD9860 Datasheet HTML 25Page - Analog Devices AD9860 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
REV. 0
–22–
AD9860/AD9862
RECEIVE SECTION COMPONENTS
The receive block is configurable to process input signals of dif-
ferent formats and has special features such as an input buffer,
gain stage, and decimation filters. The AD9860/AD9862 receive
path block diagram is shown in Figure 6. The block diagram can
be broken into the following stages: Input Buffer (Block A),
RxPGA (Block B), dual, 10-/12-bit, 64 MSPS ADC (Block C),
Decimation filter (Block D), Digital Hilbert Block (Block E),
and a Data Output Multiplexer. The function of each stage is
explained in the following paragraphs.
Input Buffer Stage
The input buffer stage buffers the input signal on-chip for both
receive paths. The buffer stage has two main benefits, providing
a constant input impedance and reducing any “kick-back” noise
that might be generated on-chip, affecting the analog input signal.
The Rx path sampling mode can be split into two categories,
depending on the frequency of the input signal. When sampling
input signals up to Nyquist of the ADC, the sampling is referred to
as Nyquist sampling. When sampling at rates above ADC Nyquist
rate, the sampling is referred to as IF sampling or undersampling.
For Nyquist sampling, the input buffer provides a constant 200
W
impedance over the entire input signal range. The constant input
impedance accommodates matching networks to ensure proper
transfer of signal to the input of the device. The input buffer is
self-biased to ~ 2 V, and therefore the input signal should be
ac-coupled to the Rx differential input or have a common-mode
voltage of about 2 V. If an external buffer is present, the internal
input buffer can be bypassed and powered down to reduce power
consumption. The input buffer accepts up to a 2 V p-p input
signal for maximum SNR performance. Optimal THD perfor-
mance occurs with 1 V p-p input signal.
For IF sampling, the input buffer can be used with input signals
up to about 100 MHz, the 3 dB bandwidth of the buffer. When
undersampling the input signal, the output spectrum will contain
an aliased version of the original, higher frequency signal. As was
the case with Nyquist sampling, the input signal should be
ac-coupled to the Rx differential input or have a common-mode
voltage of ~ 2 V. For input signals over 100 MHz to about 250 MHz,
the input buffer needs to be bypassed and an external input
buffer is required. In the case that the input buffer is bypassed,
the input circuit is a switched capacitor network. The switching
input impedance during the sample phase is about 1/(2( )FC),
where F is the input frequency and C is the input capacitance
(about 4 pF). During hold mode, the input impedance is > 1 M
W.
RxPGA
The RxPGA stage has a Programmable Gain Amplifier that can be
used to amplify the input signal to utilize the entire input range
of the ADC. The RxPGA stage provides a 0 dB to 20 dB gain
range in steps of about 1 dB. The Rx channel independent gain
control is accomplished through two 5-bit SPI programmable
RxPGA A/B registers. The gain curve is linear in dB with a minimum
gain setting (0 dB, nominally) of hex00 and a maximum gain
setting (20 dB, nominally) of hex14.
The RxPGA stage can provide up to a 2 V p-p signal to the
ADC input.
Analog-to-Digital (A/D) Converter
The analog-to-digital converter (ADC) stage consists of two
high performance 10-/12-bit, 64 MSPS analog-to-digital (A/D)
converters. The dual A/D converter paths are fully independent,
except for a shared internal bandgap reference source, VREF. Each
of the A/D converter’s paths consists of a front-end sample and
hold amplifier followed by a pipelined, switched capacitor, A/D
converter. The pipelined A/D converter is divided into three sections,
consisting of a 4-bit first stage followed by eight 1.5-bit stages and
a final 3-bit flash. Each stage provides sufficient overlap to correct
for flash errors in the preceding stages. The quantized outputs
from each stage are combined into a final 12-bit result through
a digital correction logic block. The pipelined architecture permits
the first stage to operate on a new input sample while the remain-
ing stages operate on preceding samples. Sampling occurs on the
rising clock edge.
Each stage of the pipeline, excluding the last, consists of a low
resolution flash A/D connected to a switched capacitor DAC and
interstage residue amplifier (MDAC). The residue amplifier magni-
fies the difference between the reconstructed DAC output and the
flash input for the next stage in the pipeline. One bit of redundancy
is used in each one of the stages to facilitate digital correction of
flash errors. The last stage simply consists of a flash A/D.
A stable and accurate 1.0 V bandgap voltage reference is built into
the AD9860/AD9862 and is used to set a 2 V p-p differential input
range. The internally generated reference should be decoupled
at the VREF pin using a 10
mF and a 0.1 mF capacitor in parallel
to ground. Separate top and bottom references, VRT and VRB,
for each converter are generated from VREF and should also be
decoupled. Recommended decoupling for the top and bottom
references consists of using 10
mF and 0.1 mF capacitors in parallel
between the differential reference pins, and a 0.1
mF capacitor
ADC
LOW-PASS
DECIMATION
FILTER
PGA
1
VIN+A
VIN–A
ADC
PGA
1
VIN+B
VIN–B
HILBERT
FILTER
BLOCK A BLOCK B
BLOCK C
BLOCK D
BLOCK E
RxA DATA
[0:11]
RxB DATA
[0:11]
Figure 6. Receive Section Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com