Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700X Datasheet(PDF) 73 Page - STMicroelectronics

Part # ADE3700X
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700X Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ADE3700X Datasheet HTML 69Page - STMicroelectronics ADE3700X Datasheet HTML 70Page - STMicroelectronics ADE3700X Datasheet HTML 71Page - STMicroelectronics ADE3700X Datasheet HTML 72Page - STMicroelectronics ADE3700X Datasheet HTML 73Page - STMicroelectronics ADE3700X Datasheet HTML 74Page - STMicroelectronics ADE3700X Datasheet HTML 75Page - STMicroelectronics ADE3700X Datasheet HTML 76Page - STMicroelectronics ADE3700X Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 89 page
background image
73/89
ADE3700
Output Multiplexer
2.19.1 Sub Block Function
2.19.1.1 Right Shift
q
shifts right from 0 to 4 positions, fills from the top with zeroes
q
out_mux_ctrl1[2:0]
2.19.1.2 Byte Flip
q
flips data bits in a byte from LSB to MSB, i.e. out[7:0] = in[0:7]
q
out_mux_ctrl0[4]
2.19.1.3 Red & Blue Swap
q
swaps red and blue channels, i.e. out[23:0] = {in[7:0],in[15:8],in[23:16]}
q
out_mux_ctrl0[3]
2.19.1.4 Single to Double Wide Converter
q
in Single Wide mode (out_mux_ctrl0[1] = 0)
— flops all data into either A or B channels depending on out_mux_ctrl0[2]
— either inv_a or inv_b is active depending on active channel
q
in Double Wide mode (out_mux_ctrl0[1] = 1)
— flops data into A/B or B/A positions depending on out_mux_ctrl0[2].
— divides clock by 2 (hclk = half speed DCLK), resyncing each line with data enable
— output data transitions as posedge/negedge as set in out_mux_ctrl0[5]
— can handle odd output htotal (i.e. all divide by 2’s and state machines must be resynced per
line)
2.19.1.5 Data Inversion
q
resyncs at the end of each line to inactive state with data enable falling edge
−
q
invert is possible on the first pixel – compares 1st pixel to blanking value
q
compares subsequent 24-bit/48-bit data to the last output; if more bits flip (i.e. hamming
distance > active_bit_width/2), invert data word and toggle invert pin
q
counts only active bits in hamming distance as determined by right shift and bit flip settings;
zeroes out non active data signals at output
q
controls:
— out_mux_ctrl1[4]
- A and B channels have separate independent
- A and B channels treated as one 48-bit channel, inv_a = inv_b
— out_mux_ctrl1[5]
- data invert output polarity
— out_mux_ctrl1[6]
- data invert enable
q
data invert pins can also be driven by tcon srtd[26] and srtd[27] for panel balancing
(out_mux_ctrl2[6] and out_mux_ctrl2[7])
q
data can be inverted at the front end of the data inversion detection using tcon signals, either
separate or combined channels (out_mux_ctrl3[0])
2.19.1.6 Output Mux / Reg
q
combines all signals to form the desired outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com