Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700X Datasheet(PDF) 43 Page - STMicroelectronics

Part # ADE3700X
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700X Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ADE3700X Datasheet HTML 39Page - STMicroelectronics ADE3700X Datasheet HTML 40Page - STMicroelectronics ADE3700X Datasheet HTML 41Page - STMicroelectronics ADE3700X Datasheet HTML 42Page - STMicroelectronics ADE3700X Datasheet HTML 43Page - STMicroelectronics ADE3700X Datasheet HTML 44Page - STMicroelectronics ADE3700X Datasheet HTML 45Page - STMicroelectronics ADE3700X Datasheet HTML 46Page - STMicroelectronics ADE3700X Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 89 page
background image
43/89
ADE3700
LCD Scaler
SCL_ORIGHPOS_0
0x0A0A
R/W
[7:0]
0x0
2’s complement, signed number 27-bit
horizontal position of the first output pixel
=(-dest_hpos * scalefactor_h) >> 5
SCL_ORIGHPOS_1
0x0A0B
R/W
[7:0]
0x0
SCL_ORIGHPOS_2
0x0A0C
R/W
[7:0]
0x0
SCL_ORIGHPOS_3
0x0A0D
RW
[2:0]
0x0
SCL_ORIGVPOS_E_0
0x0A0E
R/W
[7:0]
0x0
2’s complement, signed number 27-bit
vertical position of the first output pixel of
the even frame = (-dest_vpos_e *
scalefactor_v) >> 5
SCL_ORIGVPOS_E_1
0x0A0F
R/W
[7:0]
SCL_ORIGVPOS_E_2
0x0A10
R/W
[7:0]
0x0
SCL_ORIGVPOS_E_3
0x0A11
R/W
[2:0]
SCL_THRES_SLOPE
0x0A16
[7:6]
0x0
Reserved
R/W
[5:0]
0x28
Slope of the contrast amplification function
SCL_THRES_OFFSET_L
0x0A17
R/W
[7:0]
0x40
Offset of the contrast amplification function
[7:0]
SCL_THRES_OFFSET_H
0x0A18
[7:2]
0x0
Reserved
R/W
[1:0]
0x2
Offset of the contrast amplification function
[9:8]
SCL_CBBYPASS
0x0A19
R/W
[7:2]
0x0
Reserved
[1]
0x0
0: Normal
1: TCON control of contrast amplification
R/W
[0]
0x0
0: Contrast Amplification enabled
1: Bypass Contrast Amplification
SCL_CON_CAL_SEL
0x0A1A
[7:1]
Reserved
R/W
[0]
0x0
0: Context = max of RGB pk-pk
1: Context = sum of RGB pk-pk
SCL_TESTCON
0x0A1B
[7:2]
6-bit contrast amplification test data
R/W
[1:0]
0x0
0x0, 0x3: normal
0x1: force input data into the contrast
amplification function to bits [7:2]
0x2: force the output context data to be bits
[5:2]
SCL_LUT1
0x0A1C
R/W
[7:0]
0xFA
Sigmoidal Function LUT Entry 1, 8-bit 2’s
complement
SCL_LUT2
0x0A1D
R/W
[7:0]
0xF7
Sigmoidal Function LUT Entry 2, 8-bit 2’s
complement
SCL_LUT3
0x0A1E
R/W
[7:0]
0xF7
Sigmoidal Function LUT Entry 3, 8-bit 2’s
complement
SCL_LUT4
0x0A1F
R/W
[7:0]
0xFC
Sigmoidal Function LUT Entry 4, 8-bit 2’s
complement
SCL_LUT5
0x0A20
R/W
[7:0]
0x2
Sigmoidal Function LUT Entry 5, 8-bit 2’s
complement
SCL_LUT6
0x0A21
R/W
[7:0]
0x0D
Sigmoidal Function LUT Entry 6, 8-bit 2’s
complement
Table 15: LCD Scaler Registers (Sheet 2 of 3)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com