Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700X Datasheet(PDF) 36 Page - STMicroelectronics

Part # ADE3700X
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700X Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ADE3700X Datasheet HTML 32Page - STMicroelectronics ADE3700X Datasheet HTML 33Page - STMicroelectronics ADE3700X Datasheet HTML 34Page - STMicroelectronics ADE3700X Datasheet HTML 35Page - STMicroelectronics ADE3700X Datasheet HTML 36Page - STMicroelectronics ADE3700X Datasheet HTML 37Page - STMicroelectronics ADE3700X Datasheet HTML 38Page - STMicroelectronics ADE3700X Datasheet HTML 39Page - STMicroelectronics ADE3700X Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 89 page
background image
Sync Multiplexer (SMUX)
ADE3700
36/89
SMUX_CTRL3
0x0203
R
[7:6]
venab pending state
0x0: idle
0x1: venab pending frame 1
0x2: venab pending frame 2
Wait until 0 to write venab again if in henab or
venab shadow mode.
R
[5]
henab pending
[4]
Reserved
R/W
[3:2]
0x0
vtrigger reference
2’bx0: trigger ref = venab
2’b01: last pixel w/ anti-glitch
2’b11: first pixel w/ anti-glitch
Anti-glitch modes work only with venab shadow
mode. First/last pixel must be consistent with
out_seq in this mode.
R/W
[1:0]
0x0
0x0: no shadow
0x1: simple shadow. When henab_rst_u is
written, henab_set_l, henab_set_u, henab_rst_l
take effect. When venab_rst_u is written,
venab_set_l, venab_set_u, venab_rst_l take
effect.
0x2: henab shadow. Wait for next available blank
period to update positions after henab_rst_u or
venab_rst_u is written.
0x3: venab shadow. Wait for next available vblank
period to update positions after henab_rst_u or
venab_rst_u is written. Venab update takes two
frames. State can be watched in ctrl3[7:5].
SMUX_CLAMP_SET_L
0x0204
R/W
[7:0]
0x0
ADC clamp signal rising edge [11:0], relative to
selected H reference signal, in INCLKS (pixels)
SMUX_CLAMP_SET_U
0x0205
R/W
[3:0]
0x0
ADC clamp signal MSBs
SMUX_CLAMP_RST_L
0x0206
R/W
[7:0]
0x0
ADC clamp falling edge
SMUX_CLAMP_RST_U
0x0207
R/W
[3:0]
0x0
ADC clamp falling edge
SMUX_HENAB_SET_L
0x0208
R/W
[7:0]
0x0
Horizontal enable start [11:0] (left edge of image)
relative to the selected H reference edge in
INCLKS (pixels)
HENAB _SET_U
0x0209
R/W
[3:0]
0x0
horizontal enable start MSBs
HENAB _RST_L
0x020A
R/W
[7:0]
0x00
horizontal enable end LSBs
HENAB _RST_U
0x020B
R/W
[3:0]
0x0
horizontal enable end MSBs
VENAB_SET_L
0x020C
R/W
[7:0]
0x00
vertical enable start (top edge of image) relative
to the selected vertical reference edge in lines
VENAB _SET_U
0x020D
R/W
[3:0]
0x0
vertical enable start MSBs
VENAB _RST_L
0x020E
R/W
[7:0]
0x00
vertical enable end LSBs
VENAB _RST_U
0x020F
R/W
[3:0]
0x0
vertical enable end MSBs
Table 11: Sync Multiplexer Registers (Sheet 3 of 4)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com