Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700X Datasheet(PDF) 84 Page - STMicroelectronics

Part # ADE3700X
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700X Datasheet(HTML) 84 Page - STMicroelectronics

Back Button ADE3700X Datasheet HTML 80Page - STMicroelectronics ADE3700X Datasheet HTML 81Page - STMicroelectronics ADE3700X Datasheet HTML 82Page - STMicroelectronics ADE3700X Datasheet HTML 83Page - STMicroelectronics ADE3700X Datasheet HTML 84Page - STMicroelectronics ADE3700X Datasheet HTML 85Page - STMicroelectronics ADE3700X Datasheet HTML 86Page - STMicroelectronics ADE3700X Datasheet HTML 87Page - STMicroelectronics ADE3700X Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 89 page
background image
Absolute Maximum Ratings
ADE3700
84/89
3
Electrical Specifications
3.1
Absolute Maximum Ratings
3.2
Power Consumption Matrices
*
Measured at nominal voltage supplies
**
Measured at +10% voltage supplies
*
Measured at nominal voltage supplies
**
Measured at +10% voltage supplies
Symbol
Parameter
Min.
Typ.
Max.
Unit
AVDD18
DVDD18
XVDD18
LVDD18
Supply voltage
1.95
V
AVDD33
DVDD33
Supply voltage
3.6
V
VIN
Max voltage on 5 volt tolerant input pins
6.1
V
TSTG
Storage temperature
-40
+150
°C
Table 36: ADE3700x
Symbol
Parameter
Min
Typ*
Max**
Unit
Supply Current (Analog Input, XGA@75Hz, 78.75MHz)
IAVDD18
1.8V analog supply (IAVDD18)
195
203
mA
IDVDD18
1.8V digital supply (IDVDD18)
228
257
mA
IAVDD33
3.3V analog supply (IAVDD33)
102
105
mA
IDVDD33
3.3V digital supply (IDVDD33)
4451mA
PTOTANA
Total Power Consumption (Analog Input, XGA@75Hz, 78.75MHz)
1.25
1.48
W
Table 37: ADE3700xs
Symbol
Parameter
Min
Typ*
Max**
Unit
Supply Current (Analog Input, XGA@75Hz, 135MHz)
IAVDD18
1.8V analog supply (IAVDD18)
200
207
mA
IDVDD18
1.8V digital supply (IDVDD18)
351
401
mA
IAVDD33
3.3V analog supply (IAVDD33)
104
108
mA
IDVDD33
3.3V digital supply (IDVDD33)
6880mA
PTOTANA
Total Power Consumption (Analog Input, XGA@75Hz, 135MHz)
1.56
1.89
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com