Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3700X Datasheet(PDF) 37 Page - STMicroelectronics

Part # ADE3700X
Description  Analog LCD Display Engine for XGA and SXGA Resolutions
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3700X Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ADE3700X Datasheet HTML 33Page - STMicroelectronics ADE3700X Datasheet HTML 34Page - STMicroelectronics ADE3700X Datasheet HTML 35Page - STMicroelectronics ADE3700X Datasheet HTML 36Page - STMicroelectronics ADE3700X Datasheet HTML 37Page - STMicroelectronics ADE3700X Datasheet HTML 38Page - STMicroelectronics ADE3700X Datasheet HTML 39Page - STMicroelectronics ADE3700X Datasheet HTML 40Page - STMicroelectronics ADE3700X Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 89 page
background image
37/89
ADE3700
Data Multiplexer
2.8
Data Multiplexer
The Data Multiplexer provides the following functions:
q
Debug modes (e.g. bit order swap, color swap)
HSYNC_PHASE
0x0210
R/W
[7:0]
0x00
number of horizontal pixels/INCLKS that the
generated hsync edge is from the reference
edge. 2’s complement
[-128,127]
VSYNC_PHASE
0x0211
R/W
[7:0]
0x00
number of vertical lines that the generated vsync
edge is from the reference edge. 2’s complement
[-128,127]
HENAB_SET_HW_L
0x0212
R
[7:0]
Actual value used by hardware post shadowing.
HENAB _SET_HW _U
0x0213
R
[3:0]
Actual value used by hardware post shadowing.
HENAB _RST_HW _L
0x0214
R
[7:0]
Actual value used by hardware post shadowing.
HENAB _RST_HW _U
0x0215
R
[3:0]
Actual value used by hardware post shadowing.
VENAB_SET_HW _L
0x0216
R
[7:0]
Actual value used by hardware post shadowing.
VENAB _SET_HW _U
0x0217
R
[3:0]
Actual value used by hardware post shadowing.
VENAB _RST_HW _L
0x0218
R
[7:0]
Actual value used by hardware post shadowing.
VENAB _RST_HW _U
0x0219
R
[3:0]
Actual value used by hardware post shadowing.
Table 12: Data Mux Registers
Register Name
Addr.
Mode
Bits
Default
Description
DMUX_CHANSEL
0x0280
[7]
0x0
Reserved
R/W
[6]
0x0
0: Normal
1: MSB/LSB byte flip
R/W
[5:3]
0x0
If enabled by [2]
0x0: Reserved
0x1: R & G bytes are swapped
0x2: B & G bytes are swapped
0x3: R => G, G => B, B => R
0x4: R & B bytes are swapped
0x5: R => B, G => R, B => G
0x0, 0x6-0x7: Reserved
R/W
[2]
0x0
0: normal
1: enable color swap
R/W
[1:0]
0x0
video source select
0x0: ADC data
0x1: nc
0x2: nc
0x3: for test only
Table 11: Sync Multiplexer Registers (Sheet 4 of 4)
Register Name
Addr
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com